Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129-HT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA129-HT
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA129-HT Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA129-HT Datasheet HTML 11Page - Texas Instruments INA129-HT Datasheet HTML 12Page - Texas Instruments INA129-HT Datasheet HTML 13Page - Texas Instruments INA129-HT Datasheet HTML 14Page - Texas Instruments INA129-HT Datasheet HTML 15Page - Texas Instruments INA129-HT Datasheet HTML 16Page - Texas Instruments INA129-HT Datasheet HTML 17Page - Texas Instruments INA129-HT Datasheet HTML 18Page - Texas Instruments INA129-HT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
1s/div
0.1 V/div
m
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
8.4 Device Functional Modes
8.4.1 Noise Performance
The INA128-HT and INA129-HT provide very low noise in most applications. Low-frequency noise is
approximately 2
μVPP measured from 0.1 Hz to 10 Hz (G ≥ 100). This provides dramatically improved noise
when compared to state-of-the-art, chopper-stabilized amplifiers.
G
≥ 100
Figure 19. 0.1-Hz to 10-Hz Input-Referred Voltage Noise
8.4.2 Input Common-Mode Range
The linear input voltage ranges of the input circuitry of the INA128-HT and INA129-HT are from approximately
1.4 V below the positive supply voltage to 1.7 V above the negative supply. As a differential input voltage causes
the output voltage increase, however, the linear input range will be limited by the output voltage swing of
amplifiers A1 and A2. So the linear common-mode input range is related to the output voltage of the complete
amplifier. This behavior also depends on supply voltage (see Figure 6 and Figure 7).
Input-overload can produce an output voltage that appears normal. For example, if an input overload condition
drives both input amplifiers to their positive output swing limit, the difference voltage measured by the output
amplifier will be near zero. The output of A3 will be near 0 V even though both inputs are overloaded.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com