Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA271-HT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA271-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments INA271-HT Datasheet HTML 10Page - Texas Instruments INA271-HT Datasheet HTML 11Page - Texas Instruments INA271-HT Datasheet HTML 12Page - Texas Instruments INA271-HT Datasheet HTML 13Page - Texas Instruments INA271-HT Datasheet HTML 14Page - Texas Instruments INA271-HT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
V
RTI(Referred-To-Input)=
OS
V
OUT1
G
- 100mV
G=
V
V
-
OUT1
OUT2
100mV
20mV
-
INA271-HT
www.ti.com
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
ACCURACY VARIATIONS AS A RESULT OF
VSENSE AND COMMON-MODE VOLTAGE
This region of operation has slightly less accuracy
than Normal Case 1 as a result of the common-mode
The accuracy of the INA271 current shunt monitor is
operating area in which the part functions, as seen in
a function of two main variables: VSENSE (VIN+ – VIN–)
the Output Error vs Common-Mode Voltage curve
and common-mode voltage, VCM, relative to the
(Figure 7). As noted, for this graph VS = 12V; for VCM
supply voltage, VS. VCM is expressed as (VIN+ +
< 12V, the Output Error increases as VCM becomes
VIN–)/2; however, in practice, VCM is seen as the
less than 12V, with a typical maximum error of
voltage at VIN+ because the voltage drop across
0.005% at the most negative VCM = –16V.
VSENSE is usually small.
This section addresses the accuracy of these specific
Low VSENSE Case 1:
operating regions:
VSENSE < 20mV, –16V ≤ VCM < 0; and
Low VSENSE Case 3:
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
VSENSE < 20mV, VS < VCM ≤ 80V
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
Although the INA271 is not designed for accurate
Low VSENSE Case 1:
operation
in
either
of
these
regions,
some
VSENSE < 20mV, –16V ≤ VCM < 0
applications are exposed to these conditions. For
Low VSENSE Case 2:
example, when monitoring power supplies that are
VSENSE < 20mV, 0V ≤ VCM ≤ VS
switched on and off while VS is still applied to the
Low VSENSE Case 3:
INA271, it is important to know what the behavior of
the device will be in these regions.
VSENSE < 20mV, VS < VCM ≤ 80V
As VSENSE approaches 0mV, in these VCM regions,
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
the device output accuracy degrades. A larger-than-
normal offset can appear at the current shunt monitor
This
region
of
operation
provides
the
highest
output with a typical maximum value of VOUT = 60mV
accuracy.
Here,
the
input
offset
voltage
is
for VSENSE = 0mV. As VSENSE approaches 20mV, VOUT
characterized
and
measured
using
a
two-step
returns to the expected output value with accuracy as
method. First, the gain is determined by Equation 1.
specified in the Electrical Characteristics. Figure 18
shows this effect (Gain = 20).
(1)
where:
VOUT1 = Output Voltage with VSENSE = 100mV
VOUT2 = Output Voltage with VSENSE = 20mV
Then the offset voltage is measured at VSENSE =
100mV and referred to the input (RTI) of the current
shunt monitor, as shown in Equation 2.
(2)
In the Typical Characteristics, the Output Error vs
Common-Mode Voltage curve (Figure 7) shows the
highest accuracy for the this region of operation. In
this plot, VS = 12V; for VCM ≥ 12V, the output error is
at its minimum. This case is also used to create the
Figure 18. Example for Low VSENSE Cases 1 and 3
VSENSE ≥ 20mV output specifications in the Electrical
(Gain = 20)
Characteristics table.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com