Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA301 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA301
Description  INA301 36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA301 Datasheet(HTML) 1 Page - Texas Instruments

  INA301 Datasheet HTML 1Page - Texas Instruments INA301 Datasheet HTML 2Page - Texas Instruments INA301 Datasheet HTML 3Page - Texas Instruments INA301 Datasheet HTML 4Page - Texas Instruments INA301 Datasheet HTML 5Page - Texas Instruments INA301 Datasheet HTML 6Page - Texas Instruments INA301 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS
GND
OUT
ALERT
IN+
IN-
Load
Supply
(0 V to 36 V)
+2.7 V to 5.5 V
RPULL-UP
10 k
RLIMIT
RESET
+
INA301
CBYPASS
0.1 2F
LIMIT
GPIO
GPIO
ADC
DAC
Microcontroller
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA301
SBOS713 – SEPTEMBER 2015
INA301
36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor
with High-Speed, Overcurrent Comparator
1 Features
3 Description
The INA301 includes both a high common-mode
1
•
Wide Common-Mode Input Range: 0 V to 36 V
current-sensing amplifier as well as a high-speed
•
Dual Output: Amplifier and Comparator Output
precision comparator configured to detect overcurrent
•
High Accuracy Amplifier:
conditions through measuring the voltage developed
across a current-sensing or shunt resistor. This
–
Offset Voltage: 100 µV
current shunt monitor can measure this differential
–
Offset Voltage Drift: 0.5 µV/°C
voltage signal on common-mode voltages that can
–
Gain Error: 0.15%
vary from 0 V up to 36 V, independent of the supply
voltage. The device features an adjustable threshold
–
Gain Error Drift: 10 ppm/°C
range that is set using a single external limit-setting
•
Available Amplifier Gains:
resistor.
–
INA301A1: 20 V/V
An open-drain alert output on the device can be
–
INA301A2: 50 V/V
configured to operate in either a transparent mode
–
INA301A3: 100 V/V
where the output status follows the input state or in a
latched mode where the alert output is cleared when
•
Programmable Threshold Set Through a Single
the latch is reset. The device alert response time is
Resistor
issued in under 1 µs to allow for quick detection of
•
Total Alert Response Time: 1 µs
overcurrent events.
•
Open-Drain Output With Latching Mode
This device operates from a single 2.7-V to 5.5-V
•
Package: MSOP-8
supply, drawing a maximum supply current of 700 µA.
The device is specified over the extended operating
2 Applications
temperature
range
(–40°C
to
+125°C),
and
is
available in an MSOP-8 package.
•
Overcurrent Protection
•
Power-Supply Protection
Device Information
•
Circuit Breakers
PART NUMBER
PACKAGE
BODY SIZE
•
Computers and Servers
INA301
MSOP (8)
3.0 mm × 3.0 mm
•
Telecom Equipment
•
Battery Management
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.


Similar Part No. - INA301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
Current-Shunt Monitor Overcurrent Comparator
INA301 TI2-INA301 Datasheet
835Kb / 30P
INA301 36-V, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
REVISED FEBRUARY 2016
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
INA301-Q1 TI2-INA301-Q1 Datasheet
835Kb / 30P
INA301 36-V, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
REVISED FEBRUARY 2016
logo
List of Unclassifed Man...
INA3010 ETC-INA3010 Datasheet
287Kb / 8P
INFRARED REMOTE CONTROL TRANSMITTER RC-5
More results

Similar Description - INA301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
INA381 TI1-INA381 Datasheet
1Mb / 27P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381_18 Datasheet
1Mb / 30P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com