Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO5451 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 17Page - Texas Instruments ISO5451 Datasheet HTML 18Page - Texas Instruments ISO5451 Datasheet HTML 19Page - Texas Instruments ISO5451 Datasheet HTML 20Page - Texas Instruments ISO5451 Datasheet HTML 21Page - Texas Instruments ISO5451 Datasheet HTML 22Page - Texas Instruments ISO5451 Datasheet HTML 23Page - Texas Instruments ISO5451 Datasheet HTML 24Page - Texas Instruments ISO5451 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ISO5451
www.ti.com
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The ISO5451 is an isolated gate driver for power semiconductor devices such as IGBTs and MOSFETs. It is
intended for use in applications such as motor control, industrial inverters and switched mode power supplies. In
these applications, sophisticated PWM control signals are required to turn the power devices on and off, which at
the system level eventually may determine, for example, the speed, position, and torque of the motor or the
output voltage, frequency and phase of the inverter. These control signals are usually the outputs of a micro
controller, and are at low voltage levels such as 3.3-V or 5-V. The gate controls required by the MOSFETs and
IGBTs, on the other hand, are in the range of 30-V (using Unipolar Output Supply) to 15-V (using Bipolar Output
Supply), and need high current capability to be able to drive the large capacitive loads offered by those power
transistors. Not only that, the gate drive needs to be applied with reference to the Emitter of the IGBT (Source for
MOSFET), and by construction, the Emitter node in a gate drive system swings between 0 to the DC bus
voltage, that can be several 100s of volts in magnitude.
The ISO5451 is thus used to level shift the incoming 3.3-V and 5-V control signals from the microcontroller to the
30-V (using Unipolar Output Supply) to 15-V (using Bipolar Output Supply) drive required by the power
transistors while ensuring high-voltage isolation between the driver side and the microcontroller side.
10.2 Typical Applications
Figure 41 shows the typical application of a three-phase inverter using six ISO5451 isolated gate drivers. Three-
phase inverters are used for variable-frequency drives to control the operating speed of AC motors and for high
power applications such as High-Voltage DC (HVDC) power transmission.
The basic three-phase inverter consists of three single-phase inverter switches each comprising two ISO5451
devices that are connected to one of the three load terminals. The operation of the three switches is coordinated
so that one switch operates at each 60 degree point of the fundamental output waveform, thus creating a six-
step line-to-line output waveform. In this type of applications, carrier-based PWM techniques are applied to retain
waveform envelope and cancel harmonics.
Figure 41. Typical Motor Drive Application
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com