Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  ISO742x Low-Power Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISO7420, ISO7420M, ISO7421
www.ti.com
SLLS984I – JUNE 2009 – REVISED JULY 2015
•
Added table Note to VIORM .................................................................................................................................................... 15
•
Changed VIORM in the INSULATION CHARACTERISTICS table, Specification value From: 56~0 To: 56~6...................... 15
•
Changed VPR in the Specification value From: 10~50 To: 10~62 ........................................................................................ 15
•
Changed VIOTM t = 60 s (qualification) Specification value From: 4~000 To: 4~242............................................................ 15
•
Changed the IEC 60664-1 RATINGS TABLE. Row - Basic isolation group SPECIFICATION From: III-a To: II................. 15
•
Changed CTI in the PACKAGE CHARACTERISTICS table, Min value From: >175 To 400 .............................................. 15
•
Changed the text of NOTE: ................................................................................................................................................. 16
•
Changed the REGULATORY INFORMATION table ............................................................................................................ 17
Changes from Revision D (July 2010) to Revision E
Page
•
Added new fifth bullet to Features and deleted text from 4-kVpeak bullet item ..................................................................... 1
•
Changed first paragraph in Description from: ISO7420M, ISO7421, and ISO7421M to: ISO7420M and ISO7421 .............. 1
•
Changed ISO742xM in the ELEC CHAR and SWITCHING CHAR table to ISO7420M ........................................................ 8
•
Changed ISO742xM in the ELEC CHAR and SWITCHING CHAR table to ISO7420M ........................................................ 9
•
Changed ISO742xM in the ELEC CHAR and SWITCHING CHAR table to ISO7420M ........................................................ 9
•
Changed ISO742xM in the ELEC CHAR and SWITCHING CHAR table to ISO7420M ...................................................... 10
•
Changed the MAX value in the SWITCHING CHAR table 2nd row from 3.5 to 3.7 and 3rd row from 4 to 4.9................... 10
•
Changed the MAX value in the 2nd SWITCHING CHAR table 2nd row from 4 to 5.6 and 3rd row from 5 to 6.3............... 10
•
Changed the MAX value in the 3rd SWITCHING CHAR table 3rd row from 5 to 8.5 ......................................................... 11
•
Changed the MAX value in the 4rd SWITCHING CHAR table 3rd row from 6 to 6.8 ......................................................... 11
•
Changed Regulatory Information table last row, last column from: pending (E181974) to: E181974 ................................. 17
•
Changed Note 2 in Function Table from: ISO7420M, ISO7421, and ISO7421M to: ISO7420M and ISO7421................... 17
Changes from Revision C (March 2010) to Revision D
Page
•
Updated the Features List ...................................................................................................................................................... 1
•
Deleted devices ISO7420F and ISO7420FM from the data sheet......................................................................................... 1
•
Updated the device Description. Add paragraph - Note: The ISO7420 and ISO7421........................................................... 1
•
Added Tstg to the Absolute Maximum Ratings Table ............................................................................................................ 7
•
Updated the Recommended Operating Conditions table....................................................................................................... 7
•
Updates throughout the Electrical Characteristics and Switching Characteristics tables ...................................................... 8
•
Updated the Supply Current test conditions........................................................................................................................... 8
•
Deleted the SUPPLY CURRENT vs SIGNAL RATE (ALL CHANNELS) graphs and the EYE DIAGRAM plots ................. 12
•
Changed Figure 7 ................................................................................................................................................................. 13
•
Changed the VIORM, VPR, and VIOTM unit values From: V To: Vpeak .................................................................................... 15
•
Changed Minimum internal gap MIN value From: 0.008 To: 0.014mm ............................................................................... 15
•
Changed the Barrier capacitance, input to output test conditions........................................................................................ 15
•
Changed the Input capacitance test conditions ................................................................................................................... 15
•
Changed VI From: 5.5 V To: 5.25 V ..................................................................................................................................... 16
•
Changed From: 107mA To: 112mA...................................................................................................................................... 16
•
Changed VI From: 3.6 V To: 3.45 V ..................................................................................................................................... 16
•
Changed From: 164mA To: 171mA...................................................................................................................................... 16
•
Changed Figure 10 ............................................................................................................................................................... 16
•
Deleted the ICC equations section......................................................................................................................................... 16
•
Changed the Function Table Output values for PU (Open) From: H/L To: H ...................................................................... 17
•
Changed Figure 11 ............................................................................................................................................................... 17
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7420 ISO7420M ISO7421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com