Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE65R360D Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE65R360D
Description  N-Channel Super Junction Power MOSFET ll
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE65R360D Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE65R360D Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R360D Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
http://www.ncepower.com
v1.0
1
NCE65R360D,NCE65R360,NCE65R360F
N-Channel Super Junction Power MOSFET Ⅱ
VDS
650
V
RDS(ON)MAX
360
mΩ
ID
11
A
General Description
The
series of devices use advanced super junction
technology and design to provide excellent RDS(ON) with low
gate charge. This super junction MOSFET fits the industry’s
AC-DC SMPS requirements for PFC, AC/DC power
conversion, and industrial power applications.
Features
●
New technology for high voltage device
●
Low on-resistance and low conduction losses
●
small package
●
Ultra Low Gate Charge cause lower driving requirements
●
100% Avalanche Tested
●
ROHS compliant
Application
●
Power factor correction(PFC)
●
Switched mode power supplies(SMPS)
●
Uninterruptible Power Supply(UPS)
Package Marking And Ordering Information
Device
Device Package
Marking
NCE65R360D
TO-263
NCE65R360D
NCE65R360
TO-220
NCE65R360
NCE65R360F
TO-220F
NCE65R360F
Table 1.
Absolute Maximum Ratings (TC=25℃)
Parameter
Symbol
NCE65R360D
NCE65R360
NCE65R360F
Unit
Drain-Source Voltage (
VGS=0V)
VDS
650
V
Gate-Source Voltage (
VDS=0V)
VGS
±
30
V
Continuous Drain Current at Tc=25°C
ID (DC)
11
11*
A
Continuous Drain Current at Tc=100°C
ID (DC)
7
7*
A
Pulsed drain current
(Note 1)
IDM (pluse)
33
33*
A
Maximum Power Dissipation(Tc=25℃)
Derate above 25
°C
PD
121
0.97
32.7
0.26
W
W/
°C
Single pulse avalanche energy
(Note2)
EAS
280
mJ
Avalanche current
(Note 1)
IAR
5.5
A
Repetitive Avalanche energy ,tAR limited by Tjmax
(Note 1)
EAR
0.5
mJ
Schematic diagram
TO-263
TO-220
TO-220F


Similar Part No. - NCE65R360D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE65R360D VBSEMI-NCE65R360D Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - NCE65R360D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60R360D NCEPOWER-NCE60R360D Datasheet
672Kb / 10P
N-Channel Super Junction Power MOSFET ll
NCE60R360K NCEPOWER-NCE60R360K Datasheet
515Kb / 7P
N-Channel Super Junction Power MOSFET ll
NCE60R540I NCEPOWER-NCE60R540I Datasheet
805Kb / 8P
N-Channel Super Junction Power MOSFET ll
NCE60R900D NCEPOWER-NCE60R900D Datasheet
669Kb / 10P
N-Channel Super Junction Power MOSFET ll
NCE60R900I NCEPOWER-NCE60R900I Datasheet
777Kb / 8P
N-Channel Super Junction Power MOSFET ll
NCE65R2K4I NCEPOWER-NCE65R2K4I Datasheet
806Kb / 8P
N-Channel Super Junction Power MOSFET ll
NCE65R360K NCEPOWER-NCE65R360K Datasheet
569Kb / 7P
N-Channel Super Junction Power MOSFET ll
NCE65R900D NCEPOWER-NCE65R900D Datasheet
668Kb / 10P
N-Channel Super Junction Power MOSFET ll
NCE70R540D NCEPOWER-NCE70R540D Datasheet
669Kb / 10P
N-Channel Super Junction Power MOSFET ll
NCE70R540I NCEPOWER-NCE70R540I Datasheet
801Kb / 8P
N-Channel Super Junction Power MOSFET ll
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com