Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 2 Page - Diotech Company.

Part # MMBT3906
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MMBT3906 Datasheet(HTML) 2 Page - Diotech Company.

  MMBT3906 Datasheet HTML 1Page - Diotech Company. MMBT3906 Datasheet HTML 2Page - Diotech Company. MMBT3906 Datasheet HTML 3Page - Diotech Company. MMBT3906 Datasheet HTML 4Page - Diotech Company. MMBT3906 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT3906
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Voltage - -40 Volts
Power Dissipation - 300 mWatt
●
ELECTRICAL CHARACTERISTICS (Ta= 25℃)
OFF CHARACTERISTICS
Symbol
Min.
Typ.
Max.
Unit
V
(IC = –1.0 mAdc, IB= 0)
–40
–
–
VBR(CBO)
V
(IC = –10 μAdc, IE = 0)
–40
–
–
Emitter–Base Breakdown Voltage
VBR(EBO)
V
(IE = –10 μAdc, IC = 0)
–5
–
–
ICEX
nA
( V CE = –30 Vdc, VEB =– 3.0Vdc)
–
–
–50
Base Cutoff Current
IBL
nA
(V CE = –30 Vdc, VEB = –3.0Vdc)
–
–
–50
ON CHARACTERISTICS (Note 1.)
hFE
(IC = –0.1 mAdc, VCE = – 1.0 Vdc)
60
–
–
(IC = –1.0 mAdc, VCE = – 1.0 Vdc)
80
–
–
(IC = –10 mAdc, VCE = – 1.0 Vdc)
100
–
300
(IC = –50 mAdc, VCE = – 1.0 Vdc)
60
–
–
(IC = –100 mAdc, VCE = – 1.0 Vdc)
30
–
–
V
(IC = –10 mAdc, IB = –1.0 mAdc)
–
–
–0.25
(IC = –50mAdc, IB = – 5.0 mAdc)
–
–
–0.4
V
(IC = –10 mAdc, IB = –1.0 mAdc)
–0.65
–
–0.85
(IC = –50mAdc, IB = – 5.0 mAdc)
–
–
–0.95
SMALL–SIGNAL CHARACTERISTICS
Symbol
Min.
Typ.
Max.
Unit
fT
MHz
(IC = –10mAdc, VCE= –20Vdc, f = 100MHz)
250
–
–
Cobo
pF
(V CB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
–
–
4.5
Cibo
pF
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
–
–
10
Input Impedance
hie
k
(VCE =– 10 Vdc, IC = –1.0mAdc,f=1.0 kHz)
2
–
12
Voltage Feedback Ratio
hre
X 10
–4
(VCE = –10 Vdc, IC = –1.0mAdc,f=1.0 kHz)
0.1
–
10
Small–Signal Current Gain
hfe
(V CE=–10 Vdc, IC =–1.0mAdc,f=1.0 kHz)
100
–
400
Output Admittance
hoe
μmhos
(V CE=–10 Vdc, IC =–1.0mAdc,f =1.0kHz)
3
–
60
Noise Figure
NF
dB
(VCE=–5V,IC=–100μA, RS=1.0k ,f=1.0kHz)
–
–
4
3. Pulse Test: Pulse Width <300 μs, Duty Cycle <2.0%.
Collector–Base Breakdown Voltage
Characteristic
Collector–Emitter Breakdown Voltage
VBR(CEO)
Characteristic
Current–Gain — Bandwidth Product
Output Capacitance
Input Capacitance
Collector Cutoff Current
DC Current Gain
Collector–Emitter Saturation Voltage(3)
VCE(sat)
Base–Emitter Saturation Voltage
VBE(sat)
Ω
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com