Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6503AD Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM6503AD
Description  Diode Array for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6503AD Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM6503AD Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6503AD Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6503AD Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6503AD Datasheet HTML 4Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM6503A
NIPPON PRECISION CIRCUITS INC.—2
PINOUT (Top view)
PIN DESCRIPTION
SPECIFICATIONS
Absolute Maximum Ratings
Ta = 25
°C
Electrical Characteristics
Ta = 25
°C
6
5
4
1
2
3
Number
Name
Description
1
DIO1
Diode 1
2
DIO2
Diode 2
3
DIO3
Diode 3
4
DIO4
Diode 4
5
VSS
Ground
6
DIO5
Diode 5
Parameter
Symbol
Condition
Rating
Unit
Power dissipation
PD
220
mW
Storage temperature range
Tstg
− 55 to 125
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Diode maximum leakage current
ILEAK
6V applied
–
–
1
µA
Forward clamp voltage
VZF
IZ = 1µA
6.5
7.5
8.5
V
IZ = 5mA
–
6.5
–
V
Reverse clamp voltage
VZR
IZ = – 1µA
– 8.5
– 7.5
– 6.5
V
IZ = – 5mA
–
– 8.0
–
V
Terminal capacitance
CT
f = 1MHz, between DIO1 to DIO5
and VSS
–10–
pF
Maximum operating voltage
VMAX
––6
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com