Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE2003 Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2003
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2003 Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2003 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2003 Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE2003
Pb Free Product
http://www.ncepower.com
N and P-Channel Enhancement Mode Power MOSFET
Description
The NCE2003 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
● N-Channel
VDS = 20V,ID =3A
RDS(ON) < 65mΩ @ VGS=4.5V
RDS(ON) < 90mΩ @ VGS=2.5V
● P-Channel
VDS = -20V,ID = -3A
RDS(ON) < 110mΩ @ VGS=-4.5V
RDS(ON) < 140mΩ @ VGS=-2.5V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Marking and pin Assignment
SOT-23-6L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE2003
NCE2003
SOT-23-6L
Ø180mm
8mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±12
±12
V
TA=25℃
3
-3
Continuous Drain Current
TA=70℃
ID
2.4
-2.4
A
Pulsed Drain Current
(Note 1)
IDM
13
-13
A
Maximum Power Dissipation
TA=25℃
PD
0.8
0.8
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
N-Ch
156
/W
℃
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
P-Ch
156
/W
℃
N-channel
P-channel


Similar Part No. - NCE2003

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE2003 VBSEMI-NCE2003 Datasheet
596Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - NCE2003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com