Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF7N02ZR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF7N02ZR2
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF7N02ZR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF7N02ZR2 Datasheet HTML 1Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 2Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 3Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 4Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 5Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 6Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 7Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 8Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDF7N02Z
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
16 Vd
V
0Vd
Ciss
−
450
630
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
350
490
Transfer Capacitance
f = 1.0 MHz)
Crss
−
110
155
SWITCHING CHARACTERISTICS (Note 7.)
Turn−On Delay Time
td(on)
−
31
62
ns
Rise Time
(VDD = 10 Vdc, ID = 1.0 Adc,
VGS =45Vdc
tr
−
230
460
Turn−Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω) (Note 6.)
td(off)
−
725
1450
Fall Time
RG
6.0
Ω) (Note 6.)
tf
−
780
1560
Gate Charge
SFi
8
QT
−
17
24
nC
See Figure 8
(VDS = 12 Vdc, ID = 5.0 Adc,
Q1
−
1.4
−
(VDS
12 Vdc, ID
5.0 Adc,
VGS = 4.5 Vdc) (Note 6.)
Q2
−
6.7
−
Q3
−
6.5
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 7.0 Adc, VGS = 0 Vdc) (Note 6.)
(IS = 7.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−
−
0.90
0.84
1.1
−
Vdc
Reverse Recovery Time
trr
−
780
−
ns
(IS = 7.0 Adc, VGS = 0 Vdc,
ta
−
190
−
(IS
7.0 Adc, VGS
0 Vdc,
dIS/dt = 100 A/µs) (Note 6.)
tb
−
590
−
Reverse Recovery Stored Charge
QRR
−
5.7
−
µC
6. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
7. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com