Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSF4N01HDR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSF4N01HDR2
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF4N01HDR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMSF4N01HDR2 Datasheet HTML 1Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 2Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 3Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 8Page - ON Semiconductor MMSF4N01HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMSF4N01HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
−
−
2.0
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 12 Vdc, VGS = 0 Vdc)
(VDS = 12 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
µAdc
Gate−Body Leakage Current (VGS = ± 8.0 Vdc, VDS = 0)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
Temperature Coefficient (Negative)
VGS(th)
0.6
−
0.8
2.8
1.1
−
Vdc
mV/
°C
Static Drain−Source On−Resistance
(VGS = 4.5 Vdc, ID = 4.0 Adc)
(VGS = 2.7 Vdc, ID = 2.0 Adc)
RDS(on)
−
−
0.035
0.043
0.045
0.055
Ohm
Forward Transconductance (VDS = 2.5 Vdc, ID = 2.0 Adc)
gFS
3.0
6.0
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
10 Vd
V
0Vd
Ciss
−
425
595
pF
Output Capacitance
(VDS = 10 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
270
378
Transfer Capacitance
f = 1.0 MHz)
Crss
−
115
230
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
td(on)
−
13
26
ns
Rise Time
(VDD = 6.0 Vdc, ID = 4.0 Adc,
VGS =27Vdc
tr
−
60
120
Turn−Off Delay Time
VGS = 2.7 Vdc,
RG = 2.3 Ω)
td(off)
−
20
40
Fall Time
RG
2.3
Ω)
tf
−
29
58
Turn−On Delay Time
td(on)
−
10
20
Rise Time
(VDD = 6.0 Vdc, ID = 4.0 Adc,
VGS =45Vdc
tr
−
42
84
Turn−Off Delay Time
VGS = 4.5 Vdc,
RG = 2.3 Ω)
td(off)
−
24
48
Fall Time
RG
2.3
Ω)
tf
−
28
56
Gate Charge
SFi
8
QT
−
9.2
13
nC
See Figure 8
(VDS = 10 Vdc, ID = 4.0 Adc,
Q1
−
1.3
−
(VDS
10 Vdc, ID
4.0 Adc,
VGS = 4.5 Vdc)
Q2
−
3.5
−
Q3
−
3.0
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 4.0 Adc, VGS = 0 Vdc)
(IS = 4.0 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
−
−
0.95
0.78
1.1
−
Vdc
Reverse Recovery Time
trr
−
38
−
ns
(IS = 4.0 Adc, VGS = 0 Vdc,
ta
−
17
−
(IS
4.0 Adc, VGS
0 Vdc,
dIS/dt = 100 A/µs)
tb
−
22
−
Reverse Recovery Stored Charge
QRR
−
0.028
−
µC
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com