Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP1306 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP1306
Description  N?묬hannel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP1306 Datasheet(HTML) 3 Page - ON Semiconductor

  MTP1306 Datasheet HTML 1Page - ON Semiconductor MTP1306 Datasheet HTML 2Page - ON Semiconductor MTP1306 Datasheet HTML 3Page - ON Semiconductor MTP1306 Datasheet HTML 4Page - ON Semiconductor MTP1306 Datasheet HTML 5Page - ON Semiconductor MTP1306 Datasheet HTML 6Page - ON Semiconductor MTP1306 Datasheet HTML 7Page - ON Semiconductor MTP1306 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP1306
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
0.25
0.75
1.25
1.5
2.0
0
75
125
150
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
20
40
80
0
0.001
0.003
0.005
0.007
20
40
90
0.004
0.005
0.006
0.007
0.008
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−50
0
0.5
2.0
10
15
20
25
30
10
100
1000
10,000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
−25
0
25
50
75
100
125
150
TJ = 25°C
VDS ≥ 10 V
TJ = −55°C
TJ = 100°C
TJ = 25°C
50
100
0.5
1.0
1.75
25
VGS = 10 V
0
60
160
180
40
140
20
2.0
2.5
3.0
3.5
4.0
4.5
0.006
0.004
0.002
60
100
140
60
80
100
1.5
VGS = 10 V
ID = 38 A
1.0
5.0
TJ = 125°C
100
°C
0.008
0.009
0.010
0.009
5.0 V
4.0 V
120
100
80
125
°C
25
°C
120
25
°C
−55
°C
30
50
70
150
120
140
130
110
VGS = 5.0 V
10 V
VGS ≥ 10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com