Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF1P02HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTSF1P02HD
Description  P?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTSF1P02HD Datasheet(HTML) 1 Page - ON Semiconductor

  MTSF1P02HD Datasheet HTML 1Page - ON Semiconductor MTSF1P02HD Datasheet HTML 2Page - ON Semiconductor MTSF1P02HD Datasheet HTML 3Page - ON Semiconductor MTSF1P02HD Datasheet HTML 4Page - ON Semiconductor MTSF1P02HD Datasheet HTML 5Page - ON Semiconductor MTSF1P02HD Datasheet HTML 6Page - ON Semiconductor MTSF1P02HD Datasheet HTML 7Page - ON Semiconductor MTSF1P02HD Datasheet HTML 8Page - ON Semiconductor MTSF1P02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. XXX
1
Publication Order Number:
MTSF1P02HD/D
MTSF1P02HD
Preferred Device
Advance Information
Power MOSFET
1 Amp, 20 Volts
P−Channel Micro8
t
These Power MOSFET devices are capable of withstanding high
energy in the avalanche and commutation modes and the drain−to−source
diode has a very low reverse recovery time. Micro8 devices are designed
for use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc−dc converters, and
power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be used
for low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
• Miniature Micro8 Surface Mount Package − Saves Board Space
• Extremely Low Profile (<1.1mm) for thin applications such as
PCMCIA cards
• Ultra Low R
DS(on) Provides Higher Efficiency and Extends Battery
Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• I
DSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for Micro8 Package Provided
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
1 AMPERE
20 VOLTS
RDS(on) = 160 mW
D
S
G
1
8
Device
Package
Shipping
ORDERING INFORMATION
MTSF1P02HDR2
Micro8
4000 Tape & Reel
Micro8
CASE 846A
STYLE 1
http://onsemi.com
AB
MARKING
DIAGRAM
WW
WW
= Date Code
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.
P−Channel


Similar Part No. - MTSF1P02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTSF1P02HD MOTOROLA-MTSF1P02HD Datasheet
342Kb / 12P
SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
More results

Similar Description - MTSF1P02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF3P03HD ONSEMI-MMSF3P03HD Datasheet
273Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTSF2P02HD ONSEMI-MTSF2P02HD Datasheet
284Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTSF2P03HD ONSEMI-MTSF2P03HD Datasheet
288Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
MTD20P06HDL ONSEMI-MTD20P06HDL Datasheet
91Kb / 8P
P?묬hannel DPAK Power MOSFET
June, 2006 ??Rev. 6
MTP5P06V ONSEMI-MTP5P06V Datasheet
207Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP6P20E ONSEMI-MTP6P20E Datasheet
208Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTP30P06V ONSEMI-MTP30P06V Datasheet
210Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTLJS3A18PZ ONSEMI-NTLJS3A18PZ Datasheet
134Kb / 6P
Single P?묬hannel Power MOSFET
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com