Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF2P03HD Datasheet(PDF) 4 Page - ON Semiconductor

Part # MTSF2P03HD
Description  P?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTSF2P03HD Datasheet(HTML) 4 Page - ON Semiconductor

  MTSF2P03HD Datasheet HTML 1Page - ON Semiconductor MTSF2P03HD Datasheet HTML 2Page - ON Semiconductor MTSF2P03HD Datasheet HTML 3Page - ON Semiconductor MTSF2P03HD Datasheet HTML 4Page - ON Semiconductor MTSF2P03HD Datasheet HTML 5Page - ON Semiconductor MTSF2P03HD Datasheet HTML 6Page - ON Semiconductor MTSF2P03HD Datasheet HTML 7Page - ON Semiconductor MTSF2P03HD Datasheet HTML 8Page - ON Semiconductor MTSF2P03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MTSF2P03HD
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
4.5 V
VGS = 10 V
TJ = 25°C
TJ = 25°C
3.5 V
3.3 V
4.5 V
6 V
VGS = 10 V
2.9 V
2.7 V
0
0
0.5
1.5
2
0
1
3
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. Transfer Characteristics
0.04
Figure 5. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 6. On−Resistance versus Drain Current
and Gate Voltage
1
100
Figure 7. On−Resistance Variation
with Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 8. Drain−to−Source Leakage Current
versus Voltage
VDS ≥ 10 V
TJ = −55°C
25
°C
100
°C
4
2
2
4
1
3.5
4
2
0.14
01
2
10
0
5
15
25
30
0.08
3
34
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 1.2 A
125
75
25
−25
VGS = 0 V
1
3
2.5
0.10
0.12
1000
25
°C
0.2
0.25
0.3
0.15
0.05
0.1
24
8
6
1
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
ID = 2.4 A
TJ = 25°C
0
0.06
5
4.1 V
3.9 V
3.7 V
5
1.5
4.5
35
7
5
0.1
10
3.1 V
0.5
2.5
4.5
1.5
3.5
910
0
20
100
°C
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com