Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45119 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45119
Description  SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45119 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45119 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45119 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45119 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45119
URL:
http://www.pasternack.com/smb-male-push-on-rg405-pe-sr405fl-pe-sr405flj-connector-pe45119-p.aspx
PE45119 REV 1.0
RF Connectors Technical Data Sheet
PE45119
SMB Male Push-On Connector Solder Attachment
for RG405, PE-SR405FL, PE-SR405FLJ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com