Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC03CI Datasheet(PDF) 2 Page - Diotech Company.

Part # LC03CI
Description  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

LC03CI Datasheet(HTML) 2 Page - Diotech Company.

  LC03CI Datasheet HTML 1Page - Diotech Company. LC03CI Datasheet HTML 2Page - Diotech Company. LC03CI Datasheet HTML 3Page - Diotech Company. LC03CI Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LC03CI THRU LC24CI
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
℃
℃
℃
DIVICE CHARACTERISTIC
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
350
260 (10 sec.)
-55 ~ 150
-55 ~ 150
UNITS
Watts
Peak Pulse Power (tp=8/20μs waveform)
Lead Soldering Temperature
Operating Temperature Range
Storage Temperature Range
PPP
TL
TJ
TSTG
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART NUMBER
VRWM
(V)
(max.)
VB
(V)
(min.)
IT
(mA)
VC
@1A
(max.)
VC
(max.)
(@A)
IR
(μA)
(max.)
CT
(pF)
(max.)
LC03CI
3.0
4.0
6.0
8.5
13.3
16.7
26.7
1
1
1
1
1
1
5.15
9.80
13.40
19.00
24.00
43.00
13.9
18.3
18.5
28.6
31.8
56.0
8
8
8
6
5
3
20
5
2
1
1
1
0.4
0.4
0.4
0.4
0.4
0.4
5.0
8.0
12.0
15.0
24.0
LC05CI
LC08CI
LC12CI
LC15CI
LC24CI



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com