Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10M Datasheet(PDF) 1 Page - Diotech Company.

Part # MB10M
Description  MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MB10M Datasheet(HTML) 1 Page - Diotech Company.

  MB10M Datasheet HTML 1Page - Diotech Company. MB10M Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB1M THRU MB10M
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
Reverse Voltage - 100 to 1000 Volts
Forward Current - 0.8 Ampere
Surge overload rating - 30 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
Glass passivated device
Polarity symbols molded on body
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
●
●
●
●
●
Epoxy : Device has UL flammability classification 94V-0
●
Dimensions in inches and (millimeters)
MBM
1
2
3
4
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TA = 40°C
IO
0.8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
I2t Rating for Fusing (t < 8.3ms)
I2t
2s
Forward Voltage per element
@IF = 0.8A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per leg (Note 2)
Cj
25
pF
Typical Thermal Resistance per leg (Note 1)
R JA
R JL
85
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
A
10
Case : MBM, Molded Plastic
●
Mounting Position : Any
●
Weight : 0.22 grams (approx.)
●
Marking : Type Number
●
0.106 (2.70)
0.090 (2.30)
0.147 (3.73)
0.137 (3.48)
0.161 (4.10)
0.144 (3.65)
0.190 (4.83)
0.179 (4.55)
0.029 (0.74)
0.017 (0.43)
0.105 (2.67)
0.095 (2.41)
0.205 (5.21)
0.195 (4.95)
10° to 15°
0.028 (0.71)
0.020 (0.51)
0.016 (0.41)
0.006 (0.15)
0.148 (3.75)
0.132 (3.35)
0.049 (1.24)
0.039 (0.99)
MB1M
Unit
MB2M MB4M
MB6M MB8M MB10M


Similar Part No. - MB10M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10M MCC-MB10M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB10M TAITRON-MB10M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB10M GOOD-ARK-MB10M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Shanghai Lunsure Electr...
MB10M CHENYI-MB10M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
logo
Shenzhen Ping Sheng Ele...
MB10M PFS-MB10M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - MB10M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMFBR-6F CENTRAL-CMFBR-6F Datasheet
113Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
logo
Diotech Company.
ABS1 DIOTECH-ABS1 Datasheet
729Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
B1S DIOTECH-B1S Datasheet
848Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
HD01 DIOTECH-HD01 Datasheet
870Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Central Semiconductor C...
CMFBR-6F CENTRAL-CMFBR-6F_10 Datasheet
431Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMKBR-6F CENTRAL-CMKBR-6F_10 Datasheet
495Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CBR1U-D010S CENTRAL-CBR1U-D010S_15 Datasheet
408Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMFBR-6F CENTRAL-CMFBR-6F_15 Datasheet
431Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMKBR-6F CENTRAL-CMKBR-6F_15 Datasheet
495Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
ABS1 YIXIN-ABS1 Datasheet
755Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com