Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB22S Datasheet(PDF) 1 Page - Diotech Company.

Part # MB22S
Description  SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MB22S Datasheet(HTML) 1 Page - Diotech Company.

  MB22S Datasheet HTML 1Page - Diotech Company. MB22S Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB22S THRU MB210S
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 2.0 Ampere
Maximum Ratings @T
A=25°C unless otherwise specified
Surge overload rating - 50 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
Glass passivated device
Polarity symbols molded on body
FEATURES
MECHANICAL DATA
●
●
●
●
●
Epoxy : Device has UL flammability classification 94V-0
●
Dimensions in inches and (millimeters)
.067(1.7)
.057(1.3)
.106(2.7)
.09(2.3)
.106(2.7)
.09(2.3)
.193(4.9)
.177(4.5)
.031(0.8)
.019(0.5)
.275(7.0)MAX
.165(4.2)
.150(3.8)
.014(.35)
.006(.15)
.067(1.7)
.057(1.3)
.051(1.3)
.035(0.9)
.008(0.2)
.043(1.1)
.027(0.7)
MBS
1
2
3
4
Case : MBS, Molded Plastic
●
Mounting Position : Any
●
Weight : 0.22 grams (approx.)
●
Marking : Type Number
●
Parameter
Symbol
MB22S
MB24S
MB26S
MB28S
MB210S
Unit
Maximum repetitive peak reverse voltage
VRRM
20
40
60
80
100
V
V
e
g
a
tl
o
v
S
M
R
m
u
m
i
x
a
M
RMS
14
28
42
56
70
V
V
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
M
DC
20
40
60
80
100
V
Maximum Average forward output current
IF(AV)
A
Maximum instantaneous forward voltage at 2.0A
V
0
7
.
0
F
V
Maximum DC reverse current at
TA=25
rated DC blocking voltage per leg
TA=100
RθJA
RθJL
Tj
Storage temperature range
TSTG
Notes: 1. Thermal resistance form junction to ambient and from junction to lead P.C.B. mounted on 0.2×0.2"(5.0×5.0mm) copper pad areas.
-55 to +150
88
28
50
0.50
0
5
1
+
o
t
5
5
-
e
g
n
a
r
e
r
u
t
z
r
e
p
m
e
t
n
o
it
c
n
u
j
n
o
it
a
r
e
p
O
IR
0.5
20
IFSM
2.0
0.85
mA
Typical thermal resistance per leg(Note1)
A
/W
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)


Similar Part No. - MB22S

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
MB22S WILLAS-MB22S Datasheet
191Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
logo
GOOD-ARK Electronics
MB22S GOOD-ARK-MB22S Datasheet
105Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
logo
Microdiode Semiconducto...
MB22S CHENDA-MB22S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Nanjing International G...
MB22S DGNJDZ-MB22S Datasheet
594Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Bruckewell Technology L...
MB22S BWTECH-MB22S Datasheet
346Kb / 4P
Surface Mount Schottky Bridge Rectifiers
More results

Similar Description - MB22S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
KBM12F FORMOSA-KBM12F Datasheet
947Kb / 2P
Surface Mount Schottky Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB22FGW JUXING-KMB22FGW Datasheet
916Kb / 2P
schottky Surface Mount Flat Bridge Rectifier
logo
List of Unclassifed Man...
MBF2 ETC2-MBF2 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Diotech Company.
MB12S DIOTECH-MB12S Datasheet
762Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
KMB22F CHENDA-KMB22F Datasheet
522Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Nanjing International G...
MB22S DGNJDZ-MB22S Datasheet
594Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
KMB22F DGNJDZ-KMB22F Datasheet
88Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Bourns Electronic Solut...
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
Surface Mount Schottky Bridge Rectifier Diode
logo
Microdiode Semiconducto...
KMB14F CHENDA-KMB14F_V01 Datasheet
512Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB14S CHENDA-MB14S_V01 Datasheet
523Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com