Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7809PI Datasheet(PDF) 1 Page - AUK corp

Part # S7809PI
Description  Fixed Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7809PI Datasheet(HTML) 1 Page - AUK corp

  S7809PI Datasheet HTML 1Page - AUK corp S7809PI Datasheet HTML 2Page - AUK corp S7809PI Datasheet HTML 3Page - AUK corp S7809PI Datasheet HTML 4Page - AUK corp S7809PI Datasheet HTML 5Page - AUK corp S7809PI Datasheet HTML 6Page - AUK corp S7809PI Datasheet HTML 7Page - AUK corp S7809PI Datasheet HTML 8Page - AUK corp S7809PI Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
KSI-2016-003
1
S78xxPI
Fixed Voltage Regulator
Descriptions
The S78xx series are three-terminal positive regulators providing over 1A output current
with internal current limiting, thermal shutdown and safe area protection. These regulators
are useful in a wide range of applications. Although they are just fixed voltage regulators,
the S78xx series can be used with external components to obtain adjustable voltages and
currents.
Features
• Internal Short Circuit Current Limiting
• Maximum Output Current (1A Max.)
• Thermal Overload Protection
• Output Transistor Safe Area Protection
Ordering Information
Type NO.
Marking
Package Code
S78xxPI
S78□□PI
TO-220F
□□
:Voltage Code (05:5V, 06:6V, 08:8V, 09:9V, 10:10V,12:12V,15:15V,24:24V)
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Input
2. GND
3. Output


Similar Part No. - S7809PI

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7809PIC AUK-S7809PIC Datasheet
282Kb / 10P
Fixed Voltage Regulator
More results

Similar Description - S7809PI

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
Fixed Voltage Regulator
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
Fixed Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX Datasheet
280Kb / 13P
FIXED VOLTAGE REGULATOR
logo
AUK corp
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
Fixed Voltage Regulator
S7805D AUK-S7805D_06 Datasheet
287Kb / 11P
Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
Fixed Voltage Regulator
logo
Seaward Electronics Inc...
SE78MXX SEAWARD-SE78MXX Datasheet
163Kb / 4P
Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com