Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3003 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MS3003
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MS3003 Datasheet(HTML) 1 Page - ON Semiconductor

  MS3003 Datasheet HTML 1Page - ON Semiconductor MS3003 Datasheet HTML 2Page - ON Semiconductor MS3003 Datasheet HTML 3Page - ON Semiconductor MS3003 Datasheet HTML 4Page - ON Semiconductor MS3003 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
40714 TKIM/91212 TKIM TC-00002812/D2210QA TKIM TC-00002546 No.A1907-1/5
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
Semiconductor Components Industries, LLC, 2014
April, 2014
http://onsemi.com
BMS3003
P-Channel Power MOSFET
–60V, –78A, 6.5mΩ, TO-220F-3SG
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Features
•
ON-resistance RDS(on)1=5.0mΩ (typ.)
•
Input capacitance Ciss=13200pF (typ.)
•
-4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain to Source Voltage
VDSS
--60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--78
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--312
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C40
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
420
mJ
Avalanche Current *2
IAV
--60
A
Note :
*1 VDD=--36V, L=100μH, IAV=--60A (Fig.1)
*2 L≤100μH, Single pulse
Package Dimensions
unit : mm (typ.)
7529-001
Ordering number : ENA1907B
1
3
2
Product & Package Information
• Package
: TO-220F-3SG
• JEITA, JEDEC
: SC-67
• Minimum Packing Quantity : 50 pcs./tube
Marking
Electrical Connection
1 : Gate
2 : Drain
3 : Source
TO-220F-3SG
10.16
0.8
1.47 MAX
4.7
2.54
2.76
12
3
0.5
2.54
2.54
3.18
(0.84)
DETAIL-A
A
EMC
FRAME
BMS3003-1E
MS3003
LOT No.


Similar Part No. - MS3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS300 ETC1-MS300 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MS300 BEL-MS300 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS300 BEL-MS300 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
logo
TDK Electronics
MS300-12 TDK-MS300-12 Datasheet
135Kb / 1P
AC-DC Power Supplies
MS300-15 TDK-MS300-15 Datasheet
135Kb / 1P
AC-DC Power Supplies
More results

Similar Description - MS3003

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com