Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830 Datasheet(PDF) 2 Page - ON Semiconductor

Part # IRF830
Description  Power Field Effect Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

IRF830 Datasheet(HTML) 2 Page - ON Semiconductor

  IRF830 Datasheet HTML 1Page - ON Semiconductor IRF830 Datasheet HTML 2Page - ON Semiconductor IRF830 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IRF830
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
V(BR)DSS
500
—
Vdc
Zero Gate Voltage Drain Current
(VDS = Rated VDSS, VGS = 0 Vdc)
(VDS = 0.8 Rated VDSS, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
0.2
1.0
mAdc
Gate−Body Leakage Current, Forward
(VGSF = 20 Vdc, VDS = 0)
IGSS(f)
—
100
nAdc
Gate−Body Leakage Current, Reverse
(VGSR = 20 Vdc, VDS = 0)
IGSS(r)
—
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mA)
VGS(th)
2.0
4.0
Vdc
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 2.5 Adc)
RDS(on)
—
1.5
Ohm
On−State Drain Current (VGS = 10 V)
(VDS ≥ 6.75 Vdc)
ID(on)
4.5
—
Adc
Forward Transconductance
(VDS ≥ 6.75 Vdc, ID = 2.5 Adc)
gFS
2.5
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
—
800
pF
Output Capacitance
Coss
—
200
Reverse Transfer Capacitance
Crss
—
60
SWITCHING CHARACTERISTICS (1)
Turn−On Delay Time
(VDD = 200 Vdc, ID = 2.5 Apk,
RG = 15 Ω)
td(on)
—
30
ns
Rise Time
tr
—
30
Turn−Off Delay Time
td(off)
—
55
Fall Time
tf
—
30
Total Gate Charge
(VDS = 0.8 Rated VDSS,
VGS = 10 Vdc, ID = Rated ID)
Qg
22 (Typ)
30
nC
Gate−Source Charge
Qgs
12 (Typ)
—
Gate−Drain Charge
Qgd
10 (Typ)
—
SOURCE−DRAIN DIODE CHARACTERISTICS (1)
Forward On−Voltage
(IS = Rated ID,
VGS = 0)
VSD
1.1 (Typ)
1.6
Vdc
Forward Turn−On Time
ton
Limited by stray inductance
Reverse Recovery Time
trr
450 (Typ)
—
ns
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the contact screw on tab to center of die)
(Measured from the drain lead 0.25″ from package to center of die)
LD
3.5 (Typ)
4.5 (Typ)
—
—
nH
Internal Source Inductance
(Measured from the source lead 0.25″ from package to source bond pad)
LS
7.5 (Typ)
—
(1) Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com