Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1947VC Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB1947VC
Description  Forward/Reverse Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1947VC Datasheet(HTML) 1 Page - ON Semiconductor

  LB1947VC Datasheet HTML 1Page - ON Semiconductor LB1947VC Datasheet HTML 2Page - ON Semiconductor LB1947VC Datasheet HTML 3Page - ON Semiconductor LB1947VC Datasheet HTML 4Page - ON Semiconductor LB1947VC Datasheet HTML 5Page - ON Semiconductor LB1947VC Datasheet HTML 6Page - ON Semiconductor LB1947VC Datasheet HTML 7Page - ON Semiconductor LB1947VC Datasheet HTML 8Page - ON Semiconductor LB1947VC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
32112 SY 20120312-S00003 No.A2035-1/11
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LB1947VC
Overview
The LB1947VC is a PWM current control type forward/reverse motor driver IC. The IC is optimal for use in driving
brushed DC motors for printers.
Features
• PWM current control (fixed OFF time)
• Selectable current decay pattern (FAST, SLOW, and MIX DECAY modes)
• Simultaneous ON prevention function (feed-through current prevention)
• Built-in thermal shutdown circuit
• Built-in noise canceler
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum motor supply voltage
VBB max
50
V
Output peak current
IO peak
tw ≤ 20μs
2.25
A
Output continuous current
IO max
2.0
A
Logic supply voltage
VCC max
7.0
V
Logic input voltage range
VIN
-0.3 to VCC
V
Emitter output voltage
VE max
1.1
V
Reference voltage
VREF
-0.3 to VCC
V
Allowable power dissipation
Pd max
Independent IC
1.3
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Digital IC
PWM Current Control Type
Forward/Reverse Motor Driver
Ordering number : ENA2035
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LB1947VC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1947VC SANYO-LB1947VC Datasheet
139Kb / 11P
Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
More results

Similar Description - LB1947VC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
Forward/Reverse Motor Driver
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
Forward/Reverse Motor Driver
May, 2013
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
Forward/Reverse Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com