Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02HD Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMDF2C02HD
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02HD Datasheet(HTML) 5 Page - ON Semiconductor

  MMDF2C02HD Datasheet HTML 1Page - ON Semiconductor MMDF2C02HD Datasheet HTML 2Page - ON Semiconductor MMDF2C02HD Datasheet HTML 3Page - ON Semiconductor MMDF2C02HD Datasheet HTML 4Page - ON Semiconductor MMDF2C02HD Datasheet HTML 5Page - ON Semiconductor MMDF2C02HD Datasheet HTML 6Page - ON Semiconductor MMDF2C02HD Datasheet HTML 7Page - ON Semiconductor MMDF2C02HD Datasheet HTML 8Page - ON Semiconductor MMDF2C02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MMDF2C02HD
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
N−Channel
P−Channel
TJ = 25°C
10 V
VGS = 4.5 V
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0.6
VGS = 10 V
ID = 2 A
1.4
1.0
−25
25
75
125
0.8
1.6
1.2
0.04
ID, DRAIN CURRENT (AMPS)
0.20
0.08
0
1.0
2.0
3.0
4.0
0.16
0.12
0.5
1.5
2.5
3.5
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
02
4
10
0.6
0.4
68
0.2
0
0
123
4
10
0
0.2
0.4
0.6
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID = 1.5 A
TJ = 25°C
5
6
789
0
123
4
6
0.05
0.06
0.07
0.08
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.6
1
1.2
1.4
1.6
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
ID = 1.5 A
5
10 V
−50
−25
0
25
50
75
100
125
150
0.8
0
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus
Gate−To−Source Voltage
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
ID = 1 A
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com