Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02HDR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDF2C02HDR2
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02HDR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MMDF2C02HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF2C02HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MMDF2C02HD
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
N−Channel
P−Channel
3.9 V
VDS ≥ 10 V
100
°C
25
°C
TJ = − 55°C
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
1
2
4
3
1.0
1.5
2.0
3.5
2.5
3.0
0
2
4
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
3
1
Figure 1. On−Region Characteristics
1
1.4
1.8
3.4
0
2
4
6
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
VDS ≥ 10 V
TJ = 100°C
25
°C
−55
°C
2.2
2.6
3
0
0.2
0.4
0.6
0.8
1.4
0
2
4
6
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
1
1.2
Figure 2. Transfer Characteristics
1.6
1.8
2
5
3
1
3.7 V
3.1 V
2.7 V
2.9 V
VGS = 10 V
3.3 V
3.5 V
2.5 V
4.5 V
TJ = 25°C
0
0.2
0.4
0.6
0.8
1.4
1
1.2
1.6
1.8
2
3.7 V
3.1 V
2.7 V
2.9 V
3.3 V
3.5 V
4.5 V
3.9 V
TJ = 25°C
2.5 V
VGS = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com