Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF6N02HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF6N02HD
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF6N02HD Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF6N02HD Datasheet HTML 1Page - ON Semiconductor MMDF6N02HD Datasheet HTML 2Page - ON Semiconductor MMDF6N02HD Datasheet HTML 3Page - ON Semiconductor MMDF6N02HD Datasheet HTML 4Page - ON Semiconductor MMDF6N02HD Datasheet HTML 5Page - ON Semiconductor MMDF6N02HD Datasheet HTML 6Page - ON Semiconductor MMDF6N02HD Datasheet HTML 7Page - ON Semiconductor MMDF6N02HD Datasheet HTML 8Page - ON Semiconductor MMDF6N02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMDF6N02HD
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
2.7 V
0
4
8
12
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
0
0.5
1
3
0
4
8
12
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
23
4
10
0
0.015
0.03
0.045
1
357
9
13
0.05
0.06
0.07
0.04
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.6
1
1.2
1.4
1.6
0
2.5
5
20
1
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 100°C
25
°C
−55
°C
TJ = 25°C
VGS = 0 V
ID = 6 A
TJ = 25°C
VGS = 2.5 V
VGS = 4.5 V
ID = 3 A
1.5
2
2.5
567
8
9
11
4.5 V
−50
−25
0
25
50
75
100
125
150
TJ = 125°C
0.8
10
7.5
10
25
°C
100
°C
0
0.2
0.4
0.6
0.8
1.4
1
1.2
1.6
1.8
2
2
2.1 V
1.7 V
1.9 V
VGS = 10 V
2.3 V
2.5 V
4.5 V
TJ = 25°C
10
6
2
6
10
0.01
0.025
0.04
0.005
0.02
0.035
0.01
0.02
0.03
0
0.4
0.2
0
0.1
12.5
15
17.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com