Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSF2P02ER2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSF2P02ER2
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF2P02ER2 Datasheet(HTML) 3 Page - ON Semiconductor

  MMSF2P02ER2 Datasheet HTML 1Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 2Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 3Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 4Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 5Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 6Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 7Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 8Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MMSF2P02E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
3.5 V
10 V
0
0
0.4
0.8
1.2
1.6
2
0
2
3
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
34
5
10
0.3
0.4
0.6
0.1
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
0.2
68
−50
0
50
100
150
4
1
0
3.3 V
TJ = 25°C
VGS = 10
2
3
4
1
2.5
3
3.5
4
4.5
0.1
0.4
0.5
0.6
0.3
0.2
0
0.5
1
1.5
2
0
100
10
04
8
12
20
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 2 A
125
75
25
−25
VDS ≥ 10 V
25
°C
100
°C
TJ = −55°C
VGS = 4.5
TJ = 25°C
9
7
0.5
ID = 1 A
TJ = 25°C
16
3.7 V
3.9 V
4.1 V
4.3 V
4.5 V
5 V
4.7 V
7 V
VGS = 0 V
TJ = 125°C
100
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com