Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2955VG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP2955VG
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP2955VG Datasheet(HTML) 3 Page - ON Semiconductor

  MTP2955VG Datasheet HTML 1Page - ON Semiconductor MTP2955VG Datasheet HTML 2Page - ON Semiconductor MTP2955VG Datasheet HTML 3Page - ON Semiconductor MTP2955VG Datasheet HTML 4Page - ON Semiconductor MTP2955VG Datasheet HTML 5Page - ON Semiconductor MTP2955VG Datasheet HTML 6Page - ON Semiconductor MTP2955VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTP2955V
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
01
2
3
4
5
0
15
25
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
24
6
8
10
0
9
18
24
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
03
6
15
24
0
0.10
0.20
0.30
0
6
21
24
0.050
0.075
0.200
0.250
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−50
0.6
0.8
1.2
1.6
020
50
60
10
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
−25
0
25
50
75
100
125
150
TJ = 25°C
VDS ≥ 10 V
TJ = −55°C
25°C
100°C
TJ = 25°C
VGS = 0 V
VGS = 10 V
VGS = 10 V
ID = 6 A
9 V
8 V
6 V
5 V
7 V
5
10
20
35
79
3
12
21
VGS = 10 V
TJ = 100°C
25°C
−55°C
12
21
3
12
15
10
30
40
0.05
0.15
0.25
0.100
0.225
0.125
1.0
1.4
TJ = 125°C
VGS = 10 V
15 V
175
67
8
9
10
15
6
18
9
0.35
0.40
0.175
918
0.150
0.4
0.2
0
1.8
2.0
100°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com