Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3055VL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP3055VL
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP3055VL Datasheet(HTML) 3 Page - ON Semiconductor

  MTP3055VL Datasheet HTML 1Page - ON Semiconductor MTP3055VL Datasheet HTML 2Page - ON Semiconductor MTP3055VL Datasheet HTML 3Page - ON Semiconductor MTP3055VL Datasheet HTML 4Page - ON Semiconductor MTP3055VL Datasheet HTML 5Page - ON Semiconductor MTP3055VL Datasheet HTML 6Page - ON Semiconductor MTP3055VL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTP3055VL
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
01
2
3
5
0
8
16
24
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
2.0
3.0
4.0
5.0
6.0
0
4
8
16
24
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
04
8
12
16
24
0.02
0.14
0.26
0.32
0
4
12
16
20
24
0.07
0.12
0.17
0.22
0.27
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−50
0
0.5
1.0
1.5
010
20
40
50
60
0.1
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
−25
0
25
50
75
100
125
150
TJ = 25°C
VGS = 10 V
5 V
4.5 V
3 V
2.5 V
3.5 V
VGS = 5 V
TJ = 100°C
25°C
−55°C
VDS ≥ 10 V
TJ = −55°C
25°C
100°C
TJ = 25°C
VGS = 10 V
5 V
VGS = 0 V
TJ = 125°C
4
12
20
4
12
20
20
8
30
4 V
2.5
3.5
4.5
5.5
0.20
0.08
1.0
10
2.0
VGS = 5 V
ID = 6 A
100°C
175



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com