Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM5280 Datasheet(PDF) 1 Page - AUK corp

Part # SAM5280
Description  Dual LED Lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SAM5280 Datasheet(HTML) 1 Page - AUK corp

  SAM5280 Datasheet HTML 1Page - AUK corp SAM5280 Datasheet HTML 2Page - AUK corp SAM5280 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KLD-0005-000
1
SAM5280
Dual LED Lamp
Features
• Milky diffusion lens type
• 4.8mm × 2.0mm rectangle type
• Radiation color (Red, Green)
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
22.0 MIN
2.54
2.54
1 23
0.5
1.0 MIN
1
3
2
8.0±0.2
4.8±0.2
PIN Connections
1.Y-Green
2.Common Cathode
3.Red


Similar Part No. - SAM5280

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM5282 AUK-SAM5282 Datasheet
87Kb / 3P
Dual Color LED Lamp
More results

Similar Description - SAM5280

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM5270 AUK-SAM5270 Datasheet
190Kb / 3P
Dual Color LED Lamp
SRM5670A AUK-SRM5670A Datasheet
69Kb / 3P
Dual LED Lamp
SAM5370 AUK-SAM5370 Datasheet
222Kb / 4P
Dual LED Lamp
SRM3270-A AUK-SRM3270-A Datasheet
190Kb / 4P
Dual LED Lamp
SAB5370 AUK-SAB5370 Datasheet
219Kb / 4P
Dual LED Lamp
SRM5370 AUK-SRM5370 Datasheet
248Kb / 4P
Dual Color LED Lamp
SRM5370-A AUK-SRM5370-A Datasheet
244Kb / 4P
Dual Color LED Lamp
SRM5670-A AUK-SRM5670-A Datasheet
245Kb / 4P
Dual LED Lamp
SYM5270 AUK-SYM5270 Datasheet
215Kb / 4P
Dual LED Lamp
SAM5370 AUK-SAM5370_1 Datasheet
215Kb / 4P
Dual Color LED Lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com