Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG59-P Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG59-P
Description  75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG59-P Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG59-P Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG59-P Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG59-P Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Cable Design
Plenum
Inner Conductor Material and Plating
Copper
Dielectric Type
FEP (F)
Shield Materials
Copper Braid
Jacket Material and Color
PVC, White
Electrical Specifications
Impedance, Ohms
75
Velocity of Propagation, %
82
Maximum Operating Frequency, MHz
1000
Capacitance, pF/ft [pF/m]
16.5 [54.13]
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
100
Attenuation, dB/100ft [dB/100m]
3 [9.84]
Frequency 2
Frequency, MHz
200
Attenuation, dB/100ft [dB/100m]
4.5 [14.76]
Frequency 3
Frequency, MHz
400
Attenuation, dB/100ft [dB/100m]
6.6 [21.65]
Frequency 4
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
10.9 [35.76]
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +80
Inner Conductor
Number of Strands
7
Material
Copper
Diameter, in [mm]
0.03 [0.76]
Dielectric:
Type
FEP (F)
Diameter, in [mm]
0.138 [3.51]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
RG59-P
RG59-P
RG59-P REV 1.1
75 Ohm Flexible RG59 Plenum Rated Coax Cable
Single Shielded with White PVC Jacket


Similar Part No. - RG59-P

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
RG59-U-S-DB STRUCTURED-CABLE-RG59-U-S-DB Datasheet
579Kb / 1P
RG59/U SIAMESE DIRECT BURIAL 20 AWG BC
07/23/2019
RG59-U95-BK STRUCTURED-CABLE-RG59-U95-BK Datasheet
228Kb / 1P
RG59/U COAX CCTV 20 AWG BC
6/27/2019
RG59-U95-BK-500 STRUCTURED-CABLE-RG59-U95-BK-500 Datasheet
253Kb / 1P
RG59/U COAX CCTV 20 AWG BC, 95% BC BRAID-500 FT RIB- BLACK
6/27/2019
More results

Similar Description - RG59-P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG6A-U PASTERNACK-RG6A-U Datasheet
279Kb / 3P
75 Ohm Flexible RG6 Coax Cable Double Shielded with Black PVC (NC) Jacket
RG6-CATV PASTERNACK-RG6-CATV Datasheet
1Mb / 3P
75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC(NC) Jacket
RG11A-U PASTERNACK-RG11A-U Datasheet
468Kb / 3P
75 Ohm Flexible RG11 Coax Cable Single Shielded with Black PVC Jacket
RG59B-U PASTERNACK-RG59B-U Datasheet
467Kb / 3P
75 Ohm Flexible RG59 Coax Cable Single Shielded with Black PVC(NC) Jacket
RG179B-U PASTERNACK-RG179B-U Datasheet
273Kb / 3P
75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket
RG187A-U PASTERNACK-RG187A-U Datasheet
1Mb / 3P
75 Ohm Flexible RG187 Coax Cable Single Shielded with White PTFE Jacket
RG302-U PASTERNACK-RG302-U Datasheet
1Mb / 3P
75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
PE-B150 PASTERNACK-PE-B150 Datasheet
1Mb / 3P
75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket
RG58-P PASTERNACK-RG58-P Datasheet
367Kb / 3P
53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com