Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1302 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCP1302
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1302 Datasheet(HTML) 1 Page - ON Semiconductor

  PCP1302 Datasheet HTML 1Page - ON Semiconductor PCP1302 Datasheet HTML 2Page - ON Semiconductor PCP1302 Datasheet HTML 3Page - ON Semiconductor PCP1302 Datasheet HTML 4Page - ON Semiconductor PCP1302 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
61614 TKIM TC-00003133 No. A2227-1/5
Semiconductor Components Industries, LLC, 2014
June, 2014
http://onsemi.com
PCP1302
Features
• On-resistance RDS(on)1=200mΩ(typ.)
• 4V drive
• Halogen free compliance
• Protection Diode in
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Value
Unit
Drain to Source Voltage
VDSS
−60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
−3A
Drain Current (Pulse)
IDP
PW
≤10μs, duty cycle≤1%
−12
A
Power Dissipation
PD
Tc=25
°C
3.5
W
When mounted on ceramic substrate (600mm
2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
− 55 to +150
°C
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Case Steady State
R
θJC
35.7
°C /W
Junction to Ambient
R
θJA
96.1
°C /W
When mounted on ceramic substrate (600mm
2×0.8mm)
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=−1mA, VGS=0V
−60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=−60V, VGS=0V
−1
μA
Gate to Source Leakage Current
IGSS
VGS=±20V, VDS=0V
±10
μA
Gate Threshold Voltage
VGS(th)
VDS=−10V, ID=−1mA
−1.2
−2.6
V
Forward Transconductance
gFS
VDS=−10V, ID=−1.5A
3.2
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=−1.5A, VGS=−10V
200
266
m
Ω
RDS(on)2
ID=−1A, VGS=−4.5V
245
334
m
Ω
RDS(on)3
ID=−1A, VGS=−4V
260
374
m
Ω
Input Capacitance
Ciss
VDS=−20V, f=1MHz
262
pF
Output Capacitance
Coss
29
pF
Reverse Transfer Capacitance
Crss
19
pF
Continued on next page.
P-Channel Power MOSFET
−60V, −3A, 266mΩ, Single PCP
Ordering number : ENA2227
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.


Similar Part No. - PCP1302

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
PCP1 MACROMATIC-PCP1 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
logo
Sanyo Semicon Device
PCP1101 SANYO-PCP1101 Datasheet
60Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1102 SANYO-PCP1102 Datasheet
59Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1103 SANYO-PCP1103 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
logo
ON Semiconductor
PCP1103 ONSEMI-PCP1103 Datasheet
86Kb / 5P
Bipolar Transistor
December, 2013
More results

Similar Description - PCP1302

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com