Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB18F Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # MB18F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MB18F Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MB18F Datasheet HTML 1Page - Pan Jit International Inc. MB18F Datasheet HTML 2Page - Pan Jit International Inc. MB18F Datasheet HTML 3Page - Pan Jit International Inc. MB18F Datasheet HTML 4Page - Pan Jit International Inc. MB18F Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
MOUNTING PAD LAYOUT
• Packing information
ORDER INFORMATION
T/R - 5K per 13" plastic Reel
SMBF
Unit:inch(mm)
0.256
(6.5)
0.110
(2.8)
0.073
(1.85)
October 09,2012-REV.00
MB18F SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com