Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8143 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8143
Description  EL Sheet Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8143 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8143 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8143 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8143 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8143 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8143 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8143 Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SM8143A
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Note: Brightness and operating current are adjusted with ROCL .
EL driving frequency is adjusted with ROCE .
Pin number
Name
I / O
Function
1
N . C.
–
No connection (must be open)
2
C H V
I
High-voltage DC input
3
N . C.
–
No connection (must be open)
4
L D R
O
Booster coil driver output
5
N . C.
–
No connection (must be open)
6
V S S
–
Ground
7
N . C.
–
No connection (must be open)
8
O C L
I
Coil driver oscillator (oscillator frequency determined by external resistor)
9
O C E
I
EL driver oscillator (oscillator frequency determined by external resistor)
1 0
E N A
I
Enab le input (built-in pull-down resistor)
1 1
V D D
–
Supply
1 2
N . C.
–
No connection (must be open)
1 3
OUT2
O
Output 2
1 4
N . C.
–
No connection (must be open)
1 5
OUT1
O
Output 1
1 6
N . C.
–
No connection (must be open)
VSS
OCL
OCE
VDD
CHV
LDR
OUT2
OUT1
Oscillator for
Boosting
Switching Circuit
Dividing Circuit
1/4
Oscillator for
EL driving
Dividing Circuit
1/1024
ENA
Boosting Block
ENA from microcontroller
EL sheet
80cm2
<
When ENA is logical "H", SM8143A is active.
ROCL
ROCE
Oscillation Block



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com