Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC280M96 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # CD74HC280M96
Description  5 WATT GLASS ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CD74HC280M96 Datasheet(HTML) 2 Page - Microsemi Corporation

  CD74HC280M96 Datasheet HTML 1Page - Microsemi Corporation CD74HC280M96 Datasheet HTML 2Page - Microsemi Corporation CD74HC280M96 Datasheet HTML 3Page - Microsemi Corporation CD74HC280M96 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VOIDLESS-HERMETICALLY-SEALED
5 WATT GLASS ZENER DIODES
SCOTTSD A L E DIVISION
1N4954 thru 1N4996, 1N5968 thru 1N5969, and
1N6632 thru 1N6637
ELECTRICAL CHARACTERISTICS @ 25oC
MAXIMUM ZENER
IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
VOLTAGE
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
ZZ @
IZT
ZZK* @
IZK=1mA
VOLTAGE
REGULATION
(Note 1)
∆
VZ
IR
VR
MAXIMUM
TEMPERATURE
COEFF.
αVZ @ IZT
MAXIMUM
CONTINUOUS
CURRENT
IZM
SURGE
CURRENT
IZSM
TYPE*
VOLTS
mA
OHMS
OHMS
VOLTS
µA
VOLTS
%/
oC
mA
AMPS
1N6632
1N6633
1N6634
1N6635
1N6636
1N6637
3.3
3.6
3.9
4.3
4.7
5.1
380
350
320
290
260
240
3.0
2.5
2.0
2.0
2.0
1.5
500
500
500
500
450
400
0.90
0.80
0.75
0.70
0.60
0.50
300
250
175
25
20
5
1.0
1.0
1.0
1.0
1.0
1.0
-.075
-.070
-.060
-.050
+/-.025
+/-.030
1440
1320
1220
1100
1010
930
20.0
18.7
17.6
16.4
15.3
14.4
1N5968
1N5969
1N4954
1N4955
1N4956
5.6
6.2
6.8
7.5
8.2
220
220
175
175
150
1.0
1.0
1.0
1.5
1.5
400
1000
1000
800
600
0.4
0.5
0.7
0.7
0.7
5000
1000
150
100
50
4.28
4.74
5.2
5.7
6.2
.04
.04
.05
.06
.06
865
765
700
630
580
20
20
29.3
26.4
24
1N4957
1N4958
1N4959
1N4960
1N4961
9.1
10.0
11
12
13
150
125
125
100
100
2.0
2.0
2.5
2.5
3.0
400
125
130
140
145
0.7
0.8
0.8
0.8
0.9
25
25
10
10
10
6.9
7.6
8.4
9.1
9.9
.06
.07
.07
.07
.08
520
475
430
395
365
22
20
19
18
16
1N4962
1N4963
1N4964
1N4965
1N4966
15
16
18
20
22
75
75
65
65
50
3.5
3.5
4.0
4.5
5.0
150
155
160
165
170
1.0
1.1
1.2
1.5
1.8
5
5
5
2
2
11.4
12.2
13.7
15.2
16.7
.08
.08
.085
.085
.085
315
294
264
237
216
12
10
9.0
8.0
7.0
1N4967
1N4968
1N4969
1N4970
1N4971
24
27
30
33
36
50
50
40
40
30
5.0
6.0
8
10
11
175
180
190
200
220
2.0
2.0
2.5
2.8
3.0
2
2
2
2
2
18.2
20.6
22.8
25.1
27.4
.090
.090
.090
.095
.095
198
176
158
144
132
6.5
6.0
5.5
5.0
4.5
1N4972
1N4973
1N4974
1N4975
1N4976
39
43
47
51
56
30
30
25
25
20
14
20
25
27
35
230
240
250
270
320
3.0
3.3
3.5
4.0
4.4
2
2
2
2
2
29.7
32.7
35.8
38.8
42.6
.095
.095
.095
.095
.095
122
110
100
92
84
4.0
3.5
3.2
3.0
2.8
1N4977
1N4978
1N4979
1N4980
1N4981
62
68
75
82
91
20
20
20
15
15
42
50
55
80
90
400
500
620
720
760
5.0
5.5
6.0
6.6
7.5
2
2
2
2
2
47.1
51.7
56.0
62.2
69.2
.100
.100
.100
.100
.100
76
70
63.0
58.0
52.5
2.5
2.2
2.0
1.8
1.6
1N4982
1N4983
1N4984
1N4985
1N4986
100
110
120
130
150
12
12
10
10
8
110
125
170
190
330
800
1000
1150
1250
1500
8.0
9.0
10
11
13
2
2
2
2
2
76.0
83.6
91.2
98.8
114.0
.100
.100
.100
.105
.105
47.5
43.0
39.5
36.6
31.6
1.4
1.2
1.00
0.80
0.75
1N4987
1N4988
1N4989
1N4990
1N4991
160
180
200
220
240
8
5
5
5
5
350
450
500
550
650
1650
1750
1850
2000
2050
14
16
18
19
22
2
2
2
2
2
121.6
136.8
152
167
182
.105
.110
.110
.115
.115
29.4
26.4
23.6
21.6
19.8
0.70
0.60
0.50
0.50
0.40
1N4992
1N4993
1N4994
1N4995
1N4996
270
300
330
360
390
5
4
4
3
3
800
950
1175
1400
1800
2100
2150
2200
2300
2500
25
28
32
35
40
2
2
2
2
2
206
228
251
274
297
.120
.120
.120
.120
.120
17.5
15.6
14.4
13.0
12.0
0.35
0.30
0.25
0.22
0.20
*IZK = 5 mA for 1N5968
NOTE 1: Maximum voltage change
∆VZ between 10% of IZM and 50% of IZM
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2005
2-4-2005 REV C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com