Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM650DA Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM650DA
Description  CC/CV Mode 36V step down 2A DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM650DA Datasheet(HTML) 2 Page - ELM Electronics

  ELM650DA Datasheet HTML 1Page - ELM Electronics ELM650DA Datasheet HTML 2Page - ELM Electronics ELM650DA Datasheet HTML 3Page - ELM Electronics ELM650DA Datasheet HTML 4Page - ELM Electronics ELM650DA Datasheet HTML 5Page - ELM Electronics ELM650DA Datasheet HTML 6Page - ELM Electronics ELM650DA Datasheet HTML 7Page - ELM Electronics ELM650DA Datasheet HTML 8Page - ELM Electronics ELM650DA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Rev.1.2
10 -
■Block diagram
Reference
Generator
Gate
DRV
Control
logic
+
-
PWM
Comp.
Soft start
Current
Amp.
+
-
-
+
-
Error
Amp.
RAMP
OTP
-
+
-
+
LX
VCC
5
6
2
VSEN
1
GND
Vss
0.4V
1.18V
8
COMP
1.18V
7
OVP
4
3
ISEN-
ISEN+
■Pin configuration
Pin No.
Pin name
Pin description
1
GND
GND
2
VSEN
The voltage sense input
3
ISEN-
The current sense negative input
4
ISEN+ The current sense positive input
5
LX
Regulator output
6
VCC
The input supply voltage
7
OVP
The over-voltage sense input
8
COMP The E/A output pin for frequency compensation
SOP-8(TOP VIEW)
4
3
2
1
5
6
7
8
ELM650DA CC/CV Mode 36V step down 2A DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com