Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM652DA Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM652DA
Description  Dual-channeling CV/CC mode 36V switching controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM652DA Datasheet(HTML) 2 Page - ELM Electronics

  ELM652DA Datasheet HTML 1Page - ELM Electronics ELM652DA Datasheet HTML 2Page - ELM Electronics ELM652DA Datasheet HTML 3Page - ELM Electronics ELM652DA Datasheet HTML 4Page - ELM Electronics ELM652DA Datasheet HTML 5Page - ELM Electronics ELM652DA Datasheet HTML 6Page - ELM Electronics ELM652DA Datasheet HTML 7Page - ELM Electronics ELM652DA Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Rev.1.1
8 -
■Standard circuit
ELM652DA
NDRV
GND
VCC
COMP
PDRV
CS1
CS2
VOUT
L
Vout
C3
C2
R1
+
Vin
1
7
5
3
8
2
6
4
U
C1
Q1
Q2
R2
GND2
GND1
R3
C4
■Pin configuration
Pin No.
Pin name
Pin description
1
GND
Graund
2
CS1
1st channel current sense input
3
CS2
2Nd channel current sense input
4
PDRV
PMOSFET driver output
5
NDRV NMOSFET driver output
6
VCC
The input supply voltage
7
VOUT The output voltage regulation feedback
8
COMP The E/A output pin for compensation
SOP-8(TOP VIEW)
4
3
2
1
5
6
7
8
* Taping direction is one way.
ELM652DA-N
Symbol
a
Package
D: SOP-8
b
Product version
A
c
Taping direction
N: Refer to PKG file
ELM652DA - N
↑ ↑ ↑
a b c
■Selection guide
ELM652DA Dual-channeling CV/CC mode 36V switching controller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com