Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8212 Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM8212 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
NIPPON PRECISION CIRCUITS-21
SM8212B
2. Parameter set flags (2)
Bit 14
NRZ input signal polarity select flag.
When 0, normal logic is selected.
When 1, inverse logic is selected.
Bits 15 to 20
BS3 (PLL setup signal) setup time set flags.
“M” represents the value of PL5 (MSB) to PL0 (LSB) and is used to
control the receive timing setup time before BS3 rising edge. The
setup time is 1.953xM ms (0.833xM ms) [0.417xM ms]. The valid
values are from 2 to 62 (61 steps). Note that 3F HEX is an invalid set-
ting.
Bits 21 to 26
BS1 (RF control main output signal) setup time set flags.
“N” represents the value of RF5 (MSB) to RF0 (LSB) and is used to
control the receive timing setup time before BS3 rising edge. The
setup time is 1.953xN ms (0.833xN ms) [0.417xN ms]. The valid val-
ues are from 2 to 62 (61 steps). Note that 3E and 3F HEX are invalid
settings.
Note also that the setup times should be set such that (BS3 rising-edge
setup time) > (BS1 rising-edge setup time).
Bit 27
NRZ signal input noise canceller filter ON/OFF flag.
When 0, filter is OFF.
When 1, filter is ON.
Bits 28 to 29
These bits set the noise canceller filter on-state (strength) when the fil-
ter is turned ON using bit 27.
Filter ON-state strength:
1 < 2 < 3 < 4
Bits 30 to 32
Preamble mode rate error detection condition set flags.
In preamble mode, under worst-case reception conditions, a single
standard is used when distinguishing between noise and preamble to
detect rate errors. These flags determine the rate error detection stan-
dard. The error counter value (number of permissible rate errors) can
be selected from the range 1 to 8.
Parameter setting flag
10
21
30
40
50
60
70
8
BS2 OPTION (BS2 option)
9
END OF MESSAGE DETECTION
10
SELECT CLKO FREQUENCY
11
KILL CLKO
12
BIT RATE SET 1 (BRS1)
13
BIT RATE SET 0 (BRS0)
14
SIGNAL POLARITY
15
PL5
16
PL4
17
PL3
18
PL2
19
PL1
20
PL0
21
RF5
22
RF4
23
RF3
24
RF2
25
RF1
26
RF0
27
FILTER ENABLE/ DISABLE
28
FILTER 1
29
FILTER 0
30
ERROR 2 (ER 2)
31
ERROR 1 (ER 1)
32
ERROR 0 (ER 0)
Table 5. Parameter set flags
Bits 12 to 13
Receive bit rate set flags.
BRS1
BRS0
Reception bit rate
0
0
512 bps
0
1
1200 bps
1
0
2400 bps
1
1
Can't accept
FILTER 1 FILTER 0
Filter strength
0
0
Filter strength 1
0
1
Filter strength 2
1
0
Filter strength 3
1
1
Filter strength 4
ER 2
ER 1
ER 0
Threshold
ER 2
ER 1
ER 0
Threshold
0
0
0
Count = 1
1
0
0
Count = 5
0
0
1
Count = 2
1
0
1
Count = 6
0
1
0
Count = 3
1
1
0
Count = 7
0
1
1
Count = 4
1
1
1
Count = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com