Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRW-RFIDSACUSB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRW-RFIDSACUSB
Description  UHF RFID Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-RFIDSACUSB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRW-RFIDSACUSB Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-RFIDSACUSB Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-RFIDSACUSB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
RFID module Datasheet P.2
Key Features
Complaint with EPC C1 Gen2 / ISO 18000-6C and FCC modular approval
requirements
• On-Board Antenna without extra cost
• Adjustable transmit output level control from 5 dBm to 27 dBm in 1 dB step
•Maximum tag read rate of over 100 tags per second
• Supporting Dense Reader Mode (DRM) and Listen-Before-Talk (LBT) features
•Maximum tag read distance of 4.5 feet (1.5 m)
Applications
• RFID E-Tag-street parking
management
• RFID in manufacturing management
• Asset management
• UHF RFID track time application
• Library management
• Apparel Management
• Supermarket Management
• Jewelry management
• Management of firearms
• Logistics Management
• Livestock management
• Livestock management
Hardware Specification
1.1 Specification
Parameter
Specification
Supply Voltage Range
VDC 3.6V〜5V
Current Consumption
Scan mode:360mA(VDC=4.2V Peak Current)
Operating frequency
902MHz〜928MHz
Channel spacing
500KHz
TX power
27dBm( 500mW )
Tag Read Distance
4.5 feet (1.5 m)
Tag Read Rate
Over 100 tags per second
Interface
Logic Levels 3.3V UART
Data Encoding
FM0 or Miller code
Temperature Range
Operating:-10〜+60℃
Storage:-30〜+85℃
Dimensions
41.45 * 22.75 * 4.5 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com