Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF8223A Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # CF8223A
Description  FSK Decoder and DTMF Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8223A Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button CF8223A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 9Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 10Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 11Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 12Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 13Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 14Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SM8223A
NIPPON PRECISION CIRCUITS—13
The DTMF receiver determines whether the received
data (DTMF signal) is valid after an interval of
tREC ≥ 40ms stable reception. If valid, DV goes
LOW and data is output on DOUT. If DTMF data is
not detected after an interval tSPA ≥ 20ms, a data
pause is activated and the next DTMF signal is in a
wait state (see timing diagrams in AC Electrical
Characteristics). The SM8223A DTMF receiver can
be used as a general-purpose DTMF receiver without
the need for the external time constant circuit, in
which case the resistor/capacitor/diode network can
be omitted.
Figure 5. DTMF signal to DOUT output
S3
S2
S1
Q0
DTMF signal
DOUT
Stop bit
1
0
DTMF DATA
Q1
Q2
Q3
S0
Start bit
DTMF data
(LSB first)
Checksum
(2'mod16)
(LSB first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com