Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8222AP Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8222AP
Description  Caller ID Service IC with Call Waiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222AP Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8222AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222AP Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—2
PACKAGE DIMENSIONS
(Unit: mm)
BLOCK DIAGRAM
24-pin SOP
0.15
+ 0.05
− 0.02
0.50 0.20
1.27
0.10
0.13
15.24 − 0.20
+ 0.25
M
0.45 0.10
24-pin DIP
30.20
+ 0.20
− 0.30
1.50
+ 0.50
− 0
2.54
0.45 0.08
RING
TIP
GS
Amplifier
DOUT
DCLK
CAP
Filter
FSK
Demodulator
Carrier
Detector
Data
Detector
(2130Hz)
Level
Detector
Data
Detector
(2750Hz)
Level
Detector
Guard Time
Control
Filter
Filter
(2130Hz)
Filter
(2750Hz)
Interrupt
Generator
Data Timing
Control
STGT
STD
EST
CDET
DR
INT
MODE
FSKEN
Bias
Generator
AGND
Oscillator
OSCIN OSCOUT RDIN
RDRC
RDET
GND
VDD
PDWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com