Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL080-1-024X Datasheet(PDF) 1 Page - Ensign Corporation

Part # IL080-1-024X
Description  POWER TRANSFORMER ADMIRAL CLASS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

IL080-1-024X Datasheet(HTML) 1 Page - Ensign Corporation

  IL080-1-024X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
ADMIRAL CLASS
IL080-1-XXXX
IL080-2-XXXX
IL080-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Series Connection
Parallel Connection
IL080-1-010X
IL080-2-010X
IL080-3-010X
10VCT @ 8.0A
5V @ 16.0A
IL080-1-012X
IL080-2-012X
IL080-3-012X
12.6VCT @ 6.4A
6.3V @ 12.8A
IL080-1-016X
IL080-2-016X
IL080-3-016X
16VCT @ 5.0A
8V @ 10.0A
IL080-1-020X
IL080-2-020X
IL080-3-020X
20VCT @ 4.0A
10V @ 8.0A
IL080-1-024X
IL080-2-024X
IL080-3-024X
24VCT @ 3.3A
12V @ 6.6A
IL080-1-028X
IL080-2-028X
IL080-3-028X
28VCT @ 2.85A
14V @ 5.7A
IL080-1-036X
IL080-2-036X
IL080-3-036X
36VCT @ 2.2A
18V @ 4.4A
ADMIRAL CLASS - INTERNATIONAL LEAD WIRES, POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 80VA
B. Input Voltage and Frequency: 115V, 115/230V, 230V
50/60Hz
C. Voltage Regulation: __% TYP @ full load to no load
D. Temperature Rise: __
C TYP
E. Insulation Resistance: ____
F.
Hi-Pot: 4000Vrms 1 minute @ Pri to Sec
_____Vrms 1 minute @ Pri to Core
_____Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 60950 Recognized (File E144070)
VDE 0805 Licensed (File 19019-3336-9002/A1C)
UL 1446 Recognized Insulation System (File 95662)
Standard 6” Lead Length


Similar Part No. - IL080-1-024X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL080-1-024X ENSIGN-IL080-1-024X Datasheet
614Kb / 3P
Admiral Class - Lead Wires
More results

Similar Description - IL080-1-024X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL025-1-010X ENSIGN-IL025-1-010X Datasheet
688Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL056-1-010X ENSIGN-IL056-1-010X Datasheet
724Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IP030-1-010X ENSIGN-IP030-1-010X Datasheet
381Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT025-1-010X ENSIGN-IT025-1-010X Datasheet
304Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT043-1-010X ENSIGN-IT043-1-010X Datasheet
298Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IT175-1-010X ENSIGN-IT175-1-010X Datasheet
302Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
L006-1-510X ENSIGN-L006-1-510X Datasheet
499Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
L012-1-510X ENSIGN-L012-1-510X Datasheet
499Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com