Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02E Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMDF2C02E
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C02E Datasheet(HTML) 5 Page - ON Semiconductor

  MMDF2C02E Datasheet HTML 1Page - ON Semiconductor MMDF2C02E Datasheet HTML 2Page - ON Semiconductor MMDF2C02E Datasheet HTML 3Page - ON Semiconductor MMDF2C02E Datasheet HTML 4Page - ON Semiconductor MMDF2C02E Datasheet HTML 5Page - ON Semiconductor MMDF2C02E Datasheet HTML 6Page - ON Semiconductor MMDF2C02E Datasheet HTML 7Page - ON Semiconductor MMDF2C02E Datasheet HTML 8Page - ON Semiconductor MMDF2C02E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMDF2C02E
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
N−Channel
P−Channel
Figure 3. On−Resistance versus
Gate−to−Source Voltage
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation
with Temperature
Figure 3. On−Resistance versus
Gate−to−Source Voltage
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
34
5
10
0.3
0.4
0.6
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.2
68
0
0.1
9
7
0.5
ID = 1 A
TJ = 25°C
10 V
0.1
ID, DRAIN CURRENT (AMPS)
0.4
0.5
0.6
0.3
0.2
0
0.5
1
1.5
2
VGS = 4.5
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 2 A
125
75
25
−25
0.4
0.5
0.6
0.3
0.1
0.2
0
23
4
5
8
67
910
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0
ID, DRAIN CURRENT (AMPS)
0.15
01
2
5
6
0.05
0.1
34
10 V
VGS = 4.5
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 3.5 A
125
75
25
−25
ID = 3.5 A
TJ = 25°C
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com