Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF4P03HDR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF4P03HDR2
Description  P-channel SO-8 Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4P03HDR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF4P03HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF4P03HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF4P03HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF4P03HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF4P03HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF4P03HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF4P03HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF4P03HDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMDF4P03HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
V(BR)DSS
30
−
−
Vdc
Zero Gate Voltage Drain Current
(VDS = 24 Vdc, VGS = 0 Vdc)
(VDS = 24 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
20
μAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
−
Vdc
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 3.5 Adc)
(VGS = 4.5 Vdc, ID = 2.0 Adc)
RDS(on)
−
−
0.075
0.125
0.085
0.16
Ω
Forward Transconductance (VDS = 15 Vdc, ID = 3.5 Adc)
gFS
−
6.0
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 24 Vdc,
VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
425
600
pF
Output Capacitance
Coss
−
209
300
Transfer Capacitance
Crss
−
57.2
80
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
(VDD = 15 Vdc,
VGS = 10 Vdc,
ID = 1.0 Adc,
RG = 6.0 Ω)
td(on)
−
11.7
23.4
ns
Rise Time
tr
−
15.8
31.6
Turn−Off Delay Time
td(off)
−
167.3
334.6
Fall Time
tf
−
102.6
205.2
Gate Charge
(See Figure 8)
(VDS = 10 Vdc,
ID = 3.5 Adc,
VGS = 10 Vdc)
QT
−
14.8
29.6
nC
Q1
−
1.7
−
Q2
−
4.7
−
Q3
−
3.42
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 1.7 Adc, VGS = 0 Vdc)
(IS = 1.7 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
−
−
0.9
0.7
1.2
−
Vdc
Reverse Recovery Time
(IS = 3.5 Adc,
VGS = 0 Vdc,
dIS/dt = 100 A/μs)
trr
−
77.4
−
ns
ta
−
19.9
−
tb
−
57.5
−
Reverse Recovery Stored Charge
QRR
−
0.088
−
μC
2. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com