Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJS22 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MJS22
Description  Microminiature Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MJS22 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MJS22 Datasheet HTML 1Page - List of Unclassifed Manufacturers MJS22 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
O
O3
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
1P2T
1P2T
1P3T
MODEL NO.
MJS12
MODEL NO.
MJS13
VERTICAL ACTUATOR
RIGHT ANGLE ACTUATOR
VERTICAL ACTUATOR
MATERIALS
Contacts & terminals: Silver plated
Case & actuator: Thermoplastic
Terminal seal: Molded-in
MODEL NO.
MJS12R
.079 (2.00) TRAVEL/THROW
.079 (2.00) TRAVEL/THROW
.079 (2.00) TRAVEL/THROW
SPECIFICATIONS
Contact rating: 100 mA at 12 VDC
Initial contact resistance: 20 milliohms max.
Insulation resistance: 100 megohms min. at 500 VDC
Dielectric strength: 500 volts RMS at sea level
Electrical life: 10,000 cycles min.
Operating temperature range: -10°C to +60°C
Actuation force: 225g (average)
Solder heat resistance: 260°C max. for 5 seconds
Washing not recommended
Molded-in terminals minimize flux or solder entry.
Molded-in high temperature phenolic base.
Low Profile.
Bifurcated wiping contact design.
MJS Series
Microminiature Slide Switches
FEATURES


Similar Part No. - MJS22

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS2 BEL-MJS2 Datasheet
89Kb / 2P
Lightning Surge Withstand Fuse
logo
ABB
MJS2-60B ABB-MJS2-60B Datasheet
2Mb / 24P
Pilot devices The core offering
2016
logo
Bel Fuse Inc.
MJS2-R BEL-MJS2-R Datasheet
1Mb / 4P
TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
MJS2.5 BEL-MJS2.5 Datasheet
89Kb / 2P
Lightning Surge Withstand Fuse
MJS200 BEL-MJS200 Datasheet
89Kb / 2P
Lightning Surge Withstand Fuse
More results

Similar Description - MJS22

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
Microminiature Pushbutton Switches
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
Microminiature Pushbutton Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
MA12R/TR ETC2-MA12R/TR Datasheet
68Kb / 1P
Microminiature Memory Card Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
Microminiature Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com