Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP25M Datasheet(PDF) 2 Page - AUK corp

Part # SIP25M
Description  IC protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SIP25M Datasheet(HTML) 2 Page - AUK corp

  SIP25M Datasheet HTML 1Page - AUK corp SIP25M Datasheet HTML 2Page - AUK corp SIP25M Datasheet HTML 3Page - AUK corp SIP25M Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-9030-001
2
■
Product name code : SIP25M
Product name
Rated
Current(A)
Cutoff
characteristics
Internal
resistance
Typ.(Ω )
Rated
Voltage(V)
Operating
Temperature(℃)
Storage
Temperature(℃)
SIP25M
1.0
Fig.1
0.070 Typ.
50
-30~ +125
-30~ +125
※
Internal resistance is with in ±20% of it’s typical value
※
Cutofff current should be designed to be 400%∼1000% (in PT=1msec∼100msec)
※
Please o not use this product on first side or commercial power supply. It has a case to detory mold
by arc shut-out.
※
please use under 50V.
※
Temperature constant of internal resistance is 0.004/℃
Cutoff characteristics
The cutoff characteristics given represent typical values. Technical documentation regarding
ways of using current protectors is available from AUK representative.
SIP25M
Fig. 1 SIP25M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com