Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO220 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # TO220
Description  Package Outline
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

TO220 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  TO220 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - TO220

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
TO220 AOSMD-TO220 Datasheet
98Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
logo
ABL Aluminium Component...
TO220 ABL-TO220 Datasheet
106Kb / 1P
Board Mount PPN Heat Sinks
logo
List of Unclassifed Man...
TO220AB ETC-TO220AB Datasheet
24Kb / 1P
PACKAGE MECHANICAL DATA
logo
STMicroelectronics
TO220AC STMICROELECTRONICS-TO220AC Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Fairchild Semiconductor
TO220AC FAIRCHILD-TO220AC Datasheet
145Kb / 6P
8A, 1200V Stealth??Diode
More results

Similar Description - TO220

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0144B MAXIM-21-0144B Datasheet
135Kb / 2P
PACKAGE OUTLINE
Rev B
logo
Global Mixed-mode Techn...
DFN2X2-10 GMT-DFN2X2-10 Datasheet
195Kb / 1P
Package Outline
HTSSOP-14 GMT-HTSSOP-14 Datasheet
126Kb / 1P
Package Outline
MSOP-10 GMT-MSOP-10 Datasheet
180Kb / 1P
Package Outline
QFN5X5-20 GMT-QFN5X5-20 Datasheet
127Kb / 1P
Package Outline
QFN5X5-40 GMT-QFN5X5-40 Datasheet
128Kb / 1P
Package Outline
QFN6X6-40 GMT-QFN6X6-40 Datasheet
140Kb / 1P
Package Outline
SOP-8-EP GMT-SOP-8-EP Datasheet
187Kb / 1P
Package Outline
SOP-16 GMT-SOP-16 Datasheet
121Kb / 1P
Package Outline
SOP-20 GMT-SOP-20 Datasheet
110Kb / 1P
Package Outline
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com