Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8577BS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8577BS
Description  Real-time Clock IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8577BS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8577BS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8577BS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM8577B
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Real-time Clock IC
OVERVIEW
The SM8577B is a CMOS serial-interface type real-
time clock IC that operates at 32.768 kHz. It
employs a 3-line serial interface to transfer time and
date data. It incorporates a supply-voltage detect
function to determine data validity/invalidity. It
features an output interrupt with 32 kHz or 1 Hz
output frequency. It is available in 8-pin SOPs.
FEATURES
s
2.5 to 5.5 V operating voltage range
s
1.0 µA at 3.0 V (typ) current consumption
s
3-line serial interface
s
1.7 ± 0.3 V supply voltage detection threshold
s
Timer counters for second, minute, hour, day, day
of the week, month, and year
s
Automatic leap-year calendar adjustment
s
32.768 kHz and 1 Hz output interrupt selectable
s
Crystal oscillator circuit built-in (CD built-in)
s
24-hour time mode
s
8-pin SOP
ORDERING INFOMATION
PINOUT
PACKAGE DIMENSIONS
Unit: mm
8-pin SOP
Device
Package
SM8577BS
8pin SOP
CE
DATA
CLK
FOUT
VDD
XTN
XT
VSS
1
4
5
8
0.4 0.1
1.27
5.2 0.3
0.15
+ 0.10
− 0.05
0 to 10
∞


Similar Part No. - SM8577BS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8578 NPC-SM8578 Datasheet
77Kb / 13P
Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
Real-time Clock IC
More results

Similar Description - SM8577BS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
Real-time Clock IC
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
Real-time Clock IC
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com