Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP30P06VG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTP30P06VG
Description  P?묬hannel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP30P06VG Datasheet(HTML) 6 Page - ON Semiconductor

  MTP30P06VG Datasheet HTML 1Page - ON Semiconductor MTP30P06VG Datasheet HTML 2Page - ON Semiconductor MTP30P06VG Datasheet HTML 3Page - ON Semiconductor MTP30P06VG Datasheet HTML 4Page - ON Semiconductor MTP30P06VG Datasheet HTML 5Page - ON Semiconductor MTP30P06VG Datasheet HTML 6Page - ON Semiconductor MTP30P06VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MTP30P06V
http://onsemi.com
6
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0.1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1
10
100
1000
1
dc
100
ms
1 ms
10 ms
10
ms
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (s)
1.00
0.10
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.02
TJ, STARTING JUNCTION TEMPERATURE (°C)
25
50
75
100
125
ID = 30 A
150
0
450
350
300
250
400
200
150
100
50
175



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com