Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSOT03 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSOT03
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT03 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSOT03 Datasheet HTML 1Page - Pan Jit International Inc. PJSOT03 Datasheet HTML 2Page - Pan Jit International Inc. PJSOT03 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
February 25,2015-REV.01
PJSOT03~PJSOT36
VOLTAGE
POWER
3 ~ 36 Volt
500 Watt
STANDARD CAPACITANCE TVS ARRAY
• 500 Watts Peak Pulse Power per Line ( tp=8/20
μs)
• Low Clamping Voltage
• Available for working Voltage Ranging from 3V and 36V
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
DEVICE CHARACTERISTICS
• Case : SOT-23
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx. Weight : 0.0003 ounce, 0.0084 gram
MECHANICAL DATA
FEATURES
Ratings at 25°C unless otherwise specified.
PA RA M E TE R
S ym bol
VA LUE
Uni t s
P eak P uls e P o we r ( t p = 8 /20
μs)
P PP
500
Wa tt s
O per at i ng Te m per at ur e
TJ
- 50 to + 150
O C
S t or age Te m per at ur e
TSTG
- 50 to + 150
O C
F o r war d Vo lt age@ 10 0m A ,300
μs-S q ua re Wa ve
V F
1. 5
Volt s
Part Number
Re ve rs e S ta nd
-o ff Vo lta g e
Mi nm um
B rea k down
Vo lta g e
Ma x C lampi ng
Vo ltage @
8/20
μsec
P eak P uls e
C urre nt 8/20
μsec
Maximum
Leakage Current
Off-State
Capacitance,
1MHz Zero dc Bias
Marking Code
V RWM
@1 m A V BR
V CL @ IPP
IPP
@V RWM ID
Cd
Ma x. V
V
V
Ma x. A
μA
Ma x. p F
PJSOT03
3
4
6.5
43
125
850
1A
PJSOT05
5
6
9.8
42
20
550
2A
PJSOT08
8
8.5
13.4
34
10
360
3A
PJSOT12
12
13.3
19
21
2
200
4A
PJSOT15
15
16.7
24
17
1
170
5A
PJSOT24
24
26.7
43
12
1
150
6A
PJSOT36
36
40
51
9
1
80
SA
UNIDIRECTIONAL
12
3
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - PJSOT03

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSOT03C-05 PANJIT-PJSOT03C-05 Datasheet
100Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT03C-05 PANJIT-PJSOT03C-05_15 Datasheet
79Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PJSOT03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com