Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW004 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AMW004
Description  Embedded Wi-Fi Networking Solution
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW004 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AMW004 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 16Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AMW004 • Embedded Wi-Fi Networking Solution
Pinout and Signal Descriptions, Section 5
ADS-MW004-104R • AMW004 Datasheet
Page|8
Copyright © 2014-2015 ACKme Networks. http://ack.me
September 10, 2015
Pin
Name
Type1
Primary Function
Alternate & Other Function(s)
40
RESET_N2
I
System Reset
-
41
GPIO_27
I/O
GPIO
I2C_SCL, WAKE
42
GPIO_28
I/O
GPIO
I2C_SDA
43-54
GND
S
Ground
-
Notes:
1. I = Input, O = Output, S = Supply, NC = No connect
2. The AMW004 RESET_N pin is connected directly to the MCU NRST pin. When the MCU is placed in low-power
BACKUP mode, the NRST pin is disabled and RESET_N can NOT be used to reset the module. To enable reset
when MCU BACKUP mode is used, the RESET_N pin must be connected to one of the WAKE pins, and the
WAKE pin must be enabled via software.
3. Connected to SPI serial flash inside module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com